Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F020 Datasheet (PDF) - ATMEL Corporation

AT49F020 Datasheet PDF - ATMEL Corporation
Part # AT49F020
Download  AT49F020 Download
File Size   84.47 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 5-volt Only CMOS Flash Memory

AT49F020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49F020 Datasheet PDF - ATMEL Corporation

Part # AT49F020
Download  AT49F020 Click to download

File Size   84.47 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 5-volt Only CMOS Flash Memory

AT49F020 Datasheet (HTML) - ATMEL Corporation


AT49F020 Product details

Description

The AT49F020 is a 5-volt only in-system Flash Memory. Its 2 megabits of memory is organized as 262,144 words by 8 bits. Manufactured with Atmel’s advanced nonvola tile CMOS technology, the device offers access times to 90 ns with power dissipation of just 275 mW over the commercial temperature range. When the device is dese lected, the CMOS standby current is less than 100 µA.



Features

• Single Voltage Operation

– 5V Read

– 5V Reprogramming

• Fast Read Access Time - 90 ns

• Internal Program Control and Timer

• 8K Bytes Boot Block With Lockout

• Fast Erase Cycle Time - 10 seconds

• Byte-By-Byte Programming - 50 µs/Byte

• Hardware Data Protection

• DATAPolling For End Of Program Detection

• Low Power Dissipation

– 50 mA Active Current

– 100 µA CMOS Standby Current

• Typical 10,000 Write Cycles




Similar Part No. - AT49F020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
More results


Similar Description - AT49F020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com