Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F2048A Datasheet (PDF) - ATMEL Corporation

AT49F2048A Datasheet PDF - ATMEL Corporation
Part # AT49F2048A
Download  AT49F2048A Download
File Size   275.11 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory

AT49F2048A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49F2048A Datasheet PDF - ATMEL Corporation

Part # AT49F2048A
Download  AT49F2048A Click to download

File Size   275.11 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory

AT49F2048A Datasheet (HTML) - ATMEL Corporation


AT49F2048A Product details

Description
The AT49F2048A is a 5-volt-only, 2-megabit Flash memory organized as 262,144 words of 8 bits each or 128K words of 16 bits each. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 70 ns with power dissipation of just 275 mW. When deselected, the CMOS standby current is less than 100 µA.

Features
• Single-voltage Operation
    – 5V Read
    – 5V Reprogramming
• Fast Read Access Time – 70 ns
• Internal Erase/Program Control
• Sector Architecture
    – One 8K Word (16K Bytes) Boot Block with Programming Lockout
    – Two 4K Word (8K Bytes) Parameter Blocks
    – One 112K Word (224K bytes) Main Memory Array Block
• Fast Sector Erase Time – 10 seconds
• Byte-by-byte or Word-by-word Programming – 50 µs
• Hardware Data Protection
• Data Polling for End of Program Detection
• Low Power Dissipation
    – 50 mA Active Current
    – 100 µA CMOS Standby Current
• Typical 10,000 Write Cycles




Similar Part No. - AT49F2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048-12RC ATMEL-AT49F2048-12RC Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048-12RI ATMEL-AT49F2048-12RI Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048-12TC ATMEL-AT49F2048-12TC Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048-12TI ATMEL-AT49F2048-12TI Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
More results


Similar Description - AT49F2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com