Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F2048 Datasheet (PDF) - ATMEL Corporation

AT49F2048 Datasheet PDF - ATMEL Corporation
Part # AT49F2048
Download  AT49F2048 Download
File Size   207.76 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 128K x 16 5-volt Only CMOS Flash Memory

AT49F2048 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49F2048 Datasheet PDF - ATMEL Corporation

Part # AT49F2048
Download  AT49F2048 Click to download

File Size   207.76 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 128K x 16 5-volt Only CMOS Flash Memory

AT49F2048 Datasheet (HTML) - ATMEL Corporation


AT49F2048 Product details

Description
The AT49F2048 is a 5-volt-only, 2 megabit Flash Memory organized as 128K words of 16 bits each. Manufactured with Atmels advanced nonvolatile CMOS technology, the device offers access times to 70 ns with power dissipation of just 275 mW. When deselected, the CMOS standby current is less than 300 µA.

Features
• Single Voltage Operation
    – 5V Read
    – 5V Reprogramming
• Fast Read Access Time - 70 ns
• Internal Erase/Program Control
• Sector Architecture
    – One 8K Words (16K bytes) Boot Block with Programming Lockout
    – Two 8K Words (16K bytes) Parameter Blocks
    – One 104K Words (208K bytes) Main Memory Array Block
• Fast Sector Erase Time - 10 seconds
• Word-By-Word Programming - 50 µs/Word
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low Power Dissipation
    – 50 mA Active Current
    – 300 µA CMOS Standby Current
• Typical 10,000 Write Cycles




Similar Part No. - AT49F2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70RC ATMEL-AT49F2048A-70RC Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70RI ATMEL-AT49F2048A-70RI Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70TC ATMEL-AT49F2048A-70TC Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70TI ATMEL-AT49F2048A-70TI Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
More results


Similar Description - AT49F2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com