Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F8192 Datasheet (PDF) - ATMEL Corporation

AT49F8192 Datasheet PDF - ATMEL Corporation
Part # AT49F8192
Download  AT49F8192 Download
File Size   241.6 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 512K x 16 5-volt Only CMOS Flash Memory

AT49F8192 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49F8192 Datasheet PDF - ATMEL Corporation

Part # AT49F8192
Download  AT49F8192 Click to download

File Size   241.6 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 512K x 16 5-volt Only CMOS Flash Memory

AT49F8192 Datasheet (HTML) - ATMEL Corporation


AT49F8192 Product details

Description
The AT49F8192 is a 5-volt-only, 8 megabit Flash Memory organized as 512K words of 16 bits each. Manufactured with Atmels advanced nonvolatile CMOS technology, the device offers access times to 90 ns with power dissipation of just 275 mW. When deselected, the CMOS standby current is less than 300 µA.

Features
• Single Voltage Operation
    – 5V Read
    – 5V Reprogramming
• Fast Read Access Time - 90 ns
• Internal Erase/Program Control
• Sector Architecture
    – One 8K Words (16K bytes) Boot Block with Programming Lockout
    – Two 8K Words (16K bytes) Parameter Blocks
    – One 488K Words (976K bytes) Main Memory Array Block
• Fast Sector Erase Time - 10 seconds
• Word-By-Word Programming - 50 µs/Word
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low Power Dissipation
    – 50 mA Active Current
    – 300 µA CMOS Standby Current
• Typical 10,000 Write Cycles




Similar Part No. - AT49F8192

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192A ATMEL-AT49F8192A Datasheet
170Kb / 18P
8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A ATMEL-AT49F8192A Datasheet
344Kb / 17P
8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CC ATMEL-AT49F8192A-12CC Datasheet
344Kb / 17P
8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CI ATMEL-AT49F8192A-12CI Datasheet
344Kb / 17P
8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12RC ATMEL-AT49F8192A-12RC Datasheet
344Kb / 17P
8-megabit (1M x 8/512K x 16) Flash Memory
More results


Similar Description - AT49F8192

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com