Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV802D Datasheet (PDF) - ATMEL Corporation

AT49BV802D Datasheet PDF - ATMEL Corporation
Part # AT49BV802D
Download  AT49BV802D Download
File Size   434.53 Kbytes
Page   31 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory

AT49BV802D Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49BV802D Datasheet PDF - ATMEL Corporation

Part # AT49BV802D
Download  AT49BV802D Click to download

File Size   434.53 Kbytes
Page   31 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory

AT49BV802D Datasheet (HTML) - ATMEL Corporation


AT49BV802D Product details

Description
The AT49BV802D(T) is a 2.7-volt 8-megabit Flash memory organized as 524,288 words of 16 bits each or 1,048,576 bytes of 8 bits each. The x16 data appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided into 23 sectors for erase operations. The AT49BV802D(T) is offered in a 48-lead TSOP and a 48-ball CBGA package. The device has CE and OE control signals to avoid any bus contention. This device can be read or reprogrammed using a single power supply, making it ideally suited for in-system programming.

Features
• Single Voltage Read/Write Operation: 2.65V to 3.6V
• Access Time – 70 ns
• Sector Erase Architecture
   – Fifteen 32K Word (64K Bytes) Sectors with Individual Write Lockout
   – Eight 4K Word (8K Bytes) Sectors with Individual Write Lockout
• Fast Byte/Word Program Time – 10 µs
• Fast Sector Erase Time – 100 ms
• Suspend/Resume Feature for Erase and Program
   – Supports Reading and Programming from Any Sector by Suspending Erase of a Different Sector
   – Supports Reading Any Byte/Word in the Non-suspending Sectors by Suspending Programming of Any Other Byte/Word
• Low-power Operation
   – 10 mA Active
   – 15 µA Standby
• Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
• RESET Input for Device Initialization
• Sector Lockdown Support
• TSOP and CBGA Package Options
• Top or Bottom Boot Block Configuration Available
• 128-bit Protection Register
• Minimum 100,000 Erase Cycles
• Common Flash Interface (CFI)
• Green (Pb/Halide-free) Packaging




Similar Part No. - AT49BV802D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70CI ATMEL-AT49BV802A-70CI Datasheet
253Kb / 29P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70TI ATMEL-AT49BV802A-70TI Datasheet
253Kb / 29P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT ATMEL-AT49BV802AT Datasheet
253Kb / 29P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT-70CI ATMEL-AT49BV802AT-70CI Datasheet
253Kb / 29P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Similar Description - AT49BV802D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
8-Megabit 1M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
8-megabit (1M x 8/512K x 16) Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com