Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV162A Datasheet (PDF) - ATMEL Corporation

AT49BV162A Datasheet PDF - ATMEL Corporation
Part # AT49BV162A
Download  AT49BV162A Download
File Size   288.57 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory

AT49BV162A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49BV162A Datasheet PDF - ATMEL Corporation

Part # AT49BV162A
Download  AT49BV162A Click to download

File Size   288.57 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory

AT49BV162A Datasheet (HTML) - ATMEL Corporation


AT49BV162A Product details

Description
The AT49BV162A(T)/163A(T) is a 2.7-volt 16-megabit Flash memory organized as 1,048,576 words of 16 bits each or 2,097,152 bytes of 8 bits each. The x16 data appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided into 39 sectors for erase operations. The device is offered in a 48-lead TSOP and a 48-ball CBGA package.

Features
• Single Voltage Read/Write Operation: 2.65V to 3.6V
• Fast Read Access Time – 55 ns
• Sector Erase Architecture
    – Thirty-one 32K Word (64K Bytes) Sectors with Individual Write Lockout
    – Eight 4K Word (8K Bytes) Sectors with Individual Write Lockout
• Fast Word Program Time – 12 µs
• Fast Sector Erase Time – 300 ms
• Suspend/Resume Feature for Erase and Program
    – Supports Reading and Programming from Any Sector by Suspending Erase of a Different Sector
    – Supports Reading Any Byte/Word in the Non-suspending Sectors by Suspending Programming of Any Other Byte/Word
• Low-power Operation
    – 12 mA Active
    – 13 µA Standby
• Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
• VPP Pin for Write Protection
• RESET Input for Device Initialization
• Sector Lockdown Support
• TSOP and CBGA Package Options
• Top or Bottom Boot Block Configuration Available
• 128-bit Protection Register
• Minimum 100,000 Erase Cycles
• Common Flash Interface (CFI)
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT49BV162A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV162A ATMEL-AT49BV162A Datasheet
532Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162AT ATMEL-AT49BV162AT Datasheet
532Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Similar Description - AT49BV162A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com