Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F1604 Datasheet (PDF) - ATMEL Corporation

AT49F1604 Datasheet PDF - ATMEL Corporation
Part # AT49F1604
Download  AT49F1604 Download
File Size   213.11 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory

AT49F1604 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49F1604 Datasheet PDF - ATMEL Corporation

Part # AT49F1604
Download  AT49F1604 Click to download

File Size   213.11 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory

AT49F1604 Datasheet (HTML) - ATMEL Corporation


AT49F1604 Product details

Description
The AT49F16X4(T) is a 5.0-volt 16-megabit Flash memory organized as 1,048,576 words of 16 bits each or 2,097,152 bytes of 8 bits each. The x16 data appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided into 40 sectors for erase operations. The device is offered in 48-lead TSOP and 48-ball µBGA packages. The device has CE and OE control signals to avoid any bus contention. This device can be read or reprogrammed using a single 5.0V power supply, making it ideally suited for in-system programming.
The device powers on in the read mode. Command sequences are used to place the device in other operation modes such as program and erase. The device has the capability to protect the data in any sector. Once the data protection for a given sector is enabled, the data in that sector cannot be changed using input levels between ground and VCC.

Features
• 4.5V to 5.5V Read/Write
• Access Time – 90 ns
• Sector Erase Architecture
   – Thirty 32K Word (64K byte) Sectors with Individual Write Lockout
   – Eight 4K Word (8K byte) Sectors with Individual Write Lockout
   – Two 16K Word (32K byte) Sectors with Individual Write Lockout
• Fast Word Program Time – 10 µs
• Fast Sector Erase Time – 200 ms
• Dual-plane Organization, Permitting Concurrent Read while Program/Erase
   Memory Plane A: Eight 4K Word, Two 16K Word and Six 32K Word Sectors
   Memory Plane B: Twenty-four 32K Word Sectors
• Erase Suspend Capability
   – Supports Reading/Programming Data from Any Sector by Suspending Erase of
      Any Different Sector
• Low-power Operation
   – 60 mA Active
   – 3 mA Standby
• DATA Polling, Toggle Bit, Ready/Busy for End of Program Detection
• RESET Input for Device Initialization
• Sector Program Unlock Command
• TSOP, CBGA and µBGA Package Options
• Top or Bottom Boot Block Configuration Available




Similar Part No. - AT49F1604

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
1-Megabit 64K x 16 5-volt Only Flash Memory
AT49F1024-45VC ATMEL-AT49F1024-45VC Datasheet
178Kb / 13P
1-Megabit 64K x 16 5-volt Only Flash Memory
AT49F1024-55VC ATMEL-AT49F1024-55VC Datasheet
178Kb / 13P
1-Megabit 64K x 16 5-volt Only Flash Memory
AT49F1024-55VI ATMEL-AT49F1024-55VI Datasheet
178Kb / 13P
1-Megabit 64K x 16 5-volt Only Flash Memory
AT49F1024-70VC ATMEL-AT49F1024-70VC Datasheet
178Kb / 13P
1-Megabit 64K x 16 5-volt Only Flash Memory
More results


Similar Description - AT49F1604

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com