Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT29C010A Datasheet (PDF) - ATMEL Corporation

AT29C010A Datasheet PDF - ATMEL Corporation
Part # AT29C010A
Download  AT29C010A Download
File Size   727.61 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 5-volt Only CMOS Flash Memory

AT29C010A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29C010A Datasheet PDF - ATMEL Corporation

Part # AT29C010A
Download  AT29C010A Click to download

File Size   727.61 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 5-volt Only CMOS Flash Memory

AT29C010A Datasheet (HTML) - ATMEL Corporation


AT29C010A Product details

Description

The AT29C010A is a 5-volt-only in-system Flash programmable and erasable read only memory (PEROM). Its 1 megabit of memory is organized as 131,072 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 70 ns with power dissipation of just 275 mW over the industrial temperature range. When the device is deselected, the CMOS standby current is less than 300 µA. The device endurance is such that any sector can typically be written to in excess of 10,000 times.



Features

• Fast Read Access Time – 70 ns

• 5-volt Only Reprogramming

• Sector Program Operation

– Single Cycle Reprogram (Erase and Program)

– 1024 Sectors (128 Bytes/Sector)

– Internal Address and Data Latches for 128 Bytes

• Two 8K Bytes Boot Blocks with Lockout

• Internal Program Control and Timer

• Hardware and Software Data Protection

• Fast Sector Program Cycle Time – 10 ms

• DATA Polling for End of Program Detection

• Low Power Dissipation

– 50 mA Active Current

– 300 µA CMOS Standby Current

• Typical Endurance > 10,000 Cycles

• Single 5V ± 10% Supply

• CMOS and TTL Compatible Inputs and Outputs

• Commercial and Industrial Temperature Ranges

• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT29C010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
408Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-12 ATMEL-AT29C010A-12 Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-12JC ATMEL-AT29C010A-12JC Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-12JI ATMEL-AT29C010A-12JI Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
More results


Similar Description - AT29C010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
1-megabit (128K x 8) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com