Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8192ACPZ Datasheet (PDF) - Analog Devices

AD8192ACPZ Datasheet PDF - Analog Devices
Part # AD8192ACPZ
Download  AD8192ACPZ Download
File Size   975.15 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers

AD8192ACPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8192ACPZ Datasheet PDF - Analog Devices

Part # AD8192ACPZ
Download  AD8192ACPZ Click to download

File Size   975.15 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers

AD8192ACPZ Datasheet (HTML) - Analog Devices


AD8192ACPZ Product details

GENERAL DESCRIPTION
The AD8192 is a complete HDMI™/DVI link switch featuring equalized TMDS inputs and pre-emphasized TMDS outputs ideal for systems with long cable runs. The TMDS outputs can be set to a high impedance state to reduce the power dissipation and/or allow the construction of larger arrays using the wireOR technique. The AD8192 includes bidirectional buffering for the DDC bus and CEC line, with integrated pull-up resistors for the CEC line. The AD8192 is available in a space-saving, 56-lead LFCSP surface-mount, lead-free plastic package specified to operate over the −40°C to +85°C temperature range.

FEATURES
   2 inputs, 1 output HDMI/DVI links
   HDMI 1.3a receive and transmit compliant
   ±7 kV HBM ESD on HDMI input pins
   4 TMDS channels per link
      Supports 250 Mbps to 2.25 Gbps data rates and beyond
      Supports 25 MHz to 225 MHz pixel clocks and beyond
      Fully buffered unidirectional inputs/outputs
      Switchable 50 Ω on-chip input terminations with
         programmable or automatic control on channel switch
      Equalized inputs and pre-emphasized outputs
      Low added jitter
      Output disable feature for reduced power dissipation
      Switched output termination for building of larger arrays
   Bidirectional and cascadable DDC buffers (SDA/SCL)
      DDC bus logic level translation (3.3 V, 5 V)
   Bidirectional and cascadable CEC buffer with integrated
      pull-up resistors (27 kΩ)
   Hot plug detect pulse low on channel switch
   Standards compatible: DVI, HDMI 1.3a, HDCP, I2C
   Serial (I2C slave) control interface
   56-lead, 8 mm × 8 mm LFCSP, RoHS-compliant package

APPLICATIONS
   Front panel buffer for advanced television (HDTV) sets
   Standalone HDMI switcher
   Multiple input displays
   Projectors
   A/V receivers
   Set-top boxes




Similar Part No. - AD8192ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
AD8190-EVAL AD-AD8190-EVAL Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
AD8190ACPZ AD-AD8190ACPZ Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
AD8190ACPZ-R7 AD-AD8190ACPZ-R7 Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Similar Description - AD8192ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
AD8190 AD-AD8190 Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3002 AD-ADV3002 Datasheet
500Kb / 28P
4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3002 AD-ADV3002_12 Datasheet
681Kb / 28P
4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
8/12-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com