Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82131 Datasheet (PDF) - EPCOS

B82131 Datasheet PDF - EPCOS
Part # B82131
Download  B82131 Download
File Size   108.64 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes and inductors

B82131 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82131 Datasheet PDF - EPCOS

Part # B82131
Download  B82131 Click to download

File Size   108.64 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes and inductors

B82131 Datasheet (HTML) - EPCOS


B82131 Product details

Rated voltage 500 V AC/DC
Rated current 0.15 A to 6 A
Rated inductance 1 µH to 420 µH

Features
■ High resonant frequency
■ Design complies with EN 60938
■ Suitable for wave soldering
■ RoHS-compatible

Applications
■ RF blocking and filtering
■ Interference suppression in small appliances
■ Decoupling in telecommunications and entertainment electronics




Similar Part No. - B82131

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82131 EPCOS-B82131 Datasheet
92Kb / 6P
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82131 EPCOS-B82131 Datasheet
136Kb / 9P
Inductors
B82131A5151M000 EPCOS-B82131A5151M000 Datasheet
136Kb / 9P
Inductors
logo
TDK Electronics
B82131A5151M000 TDK-B82131A5151M000 Datasheet
554Kb / 9P
VHF chokes
logo
EPCOS
B82131A5151M000 EPCOS-B82131A5151M000_08 Datasheet
136Kb / 9P
Inductors
More results


Similar Description - B82131

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
Chokes and inductors
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
Chokes and inductors
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
Inductors VHF chokes
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
Inductors RF chokes, LBC series
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
Inductors RF chokes, HLBC series
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
Inductors VHF chokes
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
Design and manufacture of chokes, inductors, transformers and connectors
logo
Pulse A Technitrol Comp...
B902 PULSE-B902 Datasheet
1Mb / 4P
Inductors And Common Mode Chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com