Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82131 Datasheet(PDF) 2 Page - EPCOS

Part # B82131
Description  Chokes and inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82131 Datasheet(HTML) 2 Page - EPCOS

  B82131 Datasheet HTML 1Page - EPCOS B82131 Datasheet HTML 2Page - EPCOS B82131 Datasheet HTML 3Page - EPCOS B82131 Datasheet HTML 4Page - EPCOS B82131 Datasheet HTML 5Page - EPCOS B82131 Datasheet HTML 6Page - EPCOS B82131 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
11/05
VHF chokes
Carbonyl iron core
B82131 ... B82134
Please read the Important notes at the end of
this document.
Rated voltage 500 VAC/DC
Rated current 0.15 to 6 A
Rated inductance 1 to 420
NH
Construction
■ Cylinder core of carbonyl iron
■ Winding: single-layer, enamel copper wire
■ Polyester insulating sleeve
Features
■ High resonant frequency
■ RoHS-compatible1)
Applications
■ RF blocking and filtering
■ Interference suppression in small appliances
■ Decoupling in telecommunications and
entertainment electronics
Marking
LR and IR in clear text
Delivery mode
Taped and reeled (for packing and packing units see page 6).
Dimensional drawing
1) RoHS-compatible is defined as compatible with the following documents:
DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 13 February 2003 on
the restriction of the use of certain hazardous substances in electrical and electronic equipment COM (2004) 606
final Proposal for a COUNCIL DECISION amending Directive 2002/95/EC of the European Parliament and of the
Council for the purposes of establishing the maximum concentration values for certain hazardous substances in
electrical and electronic equipment.
IND0144-Z-E
1
_
73
max.
k max.
9±0.5
*) Tolerance over 10 spacings ± 2 mm
Lead spacing
e min (mm)
Type
17.5
22.5
27.5
32.5
B82131
B82132
B82133
B82134
IND0145-U
min.
e



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com