Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC294 Datasheet (PDF) - STMicroelectronics

M54HC294 Datasheet PDF - STMicroelectronics
Part # M54HC294
Download  M54HC294 Download
File Size   299.84 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE DIVIDER/TIMER

M54HC294 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC294 Datasheet PDF - STMicroelectronics

Part # M54HC294
Download  M54HC294 Click to download

File Size   299.84 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE DIVIDER/TIMER

M54HC294 Datasheet (HTML) - STMicroelectronics


M54HC294 Product details

DESCRIPTION
The 54/74HC292/7292 and HC294/7294 are high speed CMOS PROGRAMMABLE DIVIDER/TIMER fabricated with silicon C2MOS technology.
   
■ HIGH SPEED
    fMAX = 70 MHz (TYP.) at VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 mA (MAX.) at TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH|= IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH
    54/74LS292/294
   




Similar Part No. - M54HC294

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
M54HC298F1R STMICROELECTRONICS-M54HC298F1R Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
M54HC299 STMICROELECTRONICS-M54HC299 Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
M54HC299B1R STMICROELECTRONICS-M54HC299B1R Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
M54HC299C1R STMICROELECTRONICS-M54HC299C1R Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
More results


Similar Description - M54HC294

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
PROGRAMMABLE DIVIDER/TIMER
logo
Hitachi Semiconductor
HD74HC292 HITACHI-HD74HC292 Datasheet
68Kb / 12P
Programmable Frequency Divider/Digital Timer
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP_07 Datasheet
407Kb / 10P
Programmable Divider/Timer
logo
STMicroelectronics
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
PROGRAMMABLE DIVIDER/TIMER
Aug-2001
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
PROGRAMMABLE DIVIDER/TIMER
Aug-2001
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
Programmable Frequency Divider/Digital Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com