Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC294 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC294
Description  PROGRAMMABLE DIVIDER/TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC294 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC294 Datasheet HTML 1Page - STMicroelectronics M54HC294 Datasheet HTML 2Page - STMicroelectronics M54HC294 Datasheet HTML 3Page - STMicroelectronics M54HC294 Datasheet HTML 4Page - STMicroelectronics M54HC294 Datasheet HTML 5Page - STMicroelectronics M54HC294 Datasheet HTML 6Page - STMicroelectronics M54HC294 Datasheet HTML 7Page - STMicroelectronics M54HC294 Datasheet HTML 8Page - STMicroelectronics M54HC294 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
(TOTEM POLE OUTPUT)
PIN DESCRIPTION (HC292/7292)
PIN No
SYMBOL
NAME AND FUNCTION
4, 5
CLK1,
CLK2
input Clock
1, 2, 10,
14, 15
A to E
Program Inputs
3, 6, 13
TP1, TP2,
TP3
Test Point Outputs
11
CLR
Clear (Active LOW)
7
Q
Output
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOLS
TRUTH TABLE
CLEAR
CLOCK1
CLOCK2
Q OUTPUT MODE
L
X
X
CLEARED TO L
H
L
UP COUNT
HL
H
H
X
NO CHANGE
HX
H
INPUT AND OUTPUT EQUIVALENT CIRCUIT
(OPEN DRAIN OUTPUT, HC292/294)
PIN DESCRIPTION (HC294/7294)
PIN No
SYMBOL
NAME AND FUNCTION
4, 5
CLK1,
CLK2
input Clock
1, 2, 14, 15
A to D
Program Inputs
3
TP1
Test Point Output
11
CLR
Clear (Active LOW)
7
Q
Output
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
HC292/HC7292
HC294/HC7294
M54/M74HC292/7292/294/7294
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com