Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8300N035X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R8300N035X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R8300N035X
Download  R8300N035X Download
File Size   584.99 Kbytes
Page   28 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 36 V Input Voltage Detector with Release Delay Function for Automotive Applications

R8300N035X Datasheet (PDF)

Go To PDF Page Download Datasheet
R8300N035X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R8300N035X
Download  R8300N035X Click to download

File Size   584.99 Kbytes
Page   28 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 36 V Input Voltage Detector with Release Delay Function for Automotive Applications

R8300N035X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R8300N035X Product details

FEATURES
 Operating Voltage Range (Max.Rating) ··················· R8300NxxxA/R8300NxxxG: 1.4V to 36.0V (50.0V)
R8300NxxxE: 2.4V to 6.0V (7.0V)
 Operating Temperature Range ······························ −40°C to 125°C
 Supply Current ··················································· R8300NxxxA/R8300NxxxG: Typ. 3.8 μA
R8300NxxxE: Typ. 3.5 μA
 Detector Threshold Range ···································· 3.0 V to 12.0 V (0.1 V steps)
 Detector Threshold Accuracy ································ ±1.5% (Ta = 25°C)
±2.0% (−40°C to 110°C)
−2.2% ~2.5% (−40°C ≤ Ta ≤ 125°C)
 Release Delay Accuracy ······································ −35% to 40% (−40°C to 110°C)
−40% ~ 80% (−40°C ≤ Ta ≤ 125°C)
 Output Type ······················································ Nch Open Drain
 Package ··························································· SOT-23-6




Similar Part No. - R8300N035X

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R8315N NISSHINBO-R8315N Datasheet
1Mb / 31P
36V Input VD with Detector and Release Delay Function for Automotive Applications
R8315N001A NISSHINBO-R8315N001A Datasheet
1Mb / 31P
36V Input VD with Detector and Release Delay Function for Automotive Applications
R8315N001B NISSHINBO-R8315N001B Datasheet
1Mb / 31P
36V Input VD with Detector and Release Delay Function for Automotive Applications
R8315N001E NISSHINBO-R8315N001E Datasheet
1Mb / 31P
36V Input VD with Detector and Release Delay Function for Automotive Applications
R8315N001F NISSHINBO-R8315N001F Datasheet
1Mb / 31P
36V Input VD with Detector and Release Delay Function for Automotive Applications
More results


Similar Description - R8300N035X

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
ELM Technology Corporat...
ELM7622LAB-S ELM-TECH-ELM7622LAB-S Datasheet
196Kb / 20P
CMOS Voltage detector with delay function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ELM Technology Corporat...
ELM76-SERIES ELM-TECH-ELM76-SERIES Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
VOLTAGE DETECTOR with Delay Function
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
logo
Texas Instruments
TPS37A-Q1 TI-TPS37A-Q1 Datasheet
2Mb / 32P
TPS37x-Q1 (65 V & 2uA) Over & Under Voltage Detector with Delay Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com