Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8300N035X Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # R8300N035X
Description  36 V Input Voltage Detector with Release Delay Function for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8300N035X Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  R8300N035X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
R8300N
No. EC-295-180510
3
PIN DESCRIPTION
6
5
4
12
3
(mark side)
SOT-23-6 Pin Configuration
SOT-23-6 Pin Description
Pin No.
Symbol
Description
1
CD
Release Output Delay Time Set Pin
2
NC
No Connection
3
NC
No Connection (R8300NxxxA/R8300NxxxG)
SENSE
VD Voltage SENSE Pin (R8300NxxxE)
4
VDD
Input Supply Voltage Pin
5
GND
Ground Pin
6
DOUT
VD Output Pin, Nch Open Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com