Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8300N035X Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # R8300N035X
Description  36 V Input Voltage Detector with Release Delay Function for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8300N035X Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button R8300N035X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R8300N035X Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
R8300N
No. EC-295-180510
21
3) Detector Threshold vs. Input Voltage
R8300N030E
2.94
2.96
2.98
3.00
3.02
3.04
3.06
2.4
3.0
3.6
4.2
4.8
5.4
6.0
Input Voltage VDD (V)
Ta=-40℃
Ta=25℃
Ta=125℃
R8300N120E
11.6
11.7
11.8
11.9
12.0
12.1
12.2
12.3
2.4
3.0
3.6
4.2
4.8
5.4
6.0
Input Voltage VDD (V)
Ta=-40℃
Ta=25℃
Ta=125℃
4) Release Voltage vs. Input Voltage
R8300N030E
3.09
3.11
3.13
3.15
3.17
3.19
3.21
2.43.0
3.64.2
4.85.4
6.0
Input Voltage VDD (V)
Ta=-40℃
Ta=25℃
Ta=125℃
R8300N120E
12.2
12.3
12.4
12.5
12.6
12.7
12.8
12.9
2.4
3.0
3.6
4.2
4.8
5.4
6.0
Input Voltage VDD (V)
Ta=-40℃
Ta=25℃
Ta=125℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com