Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC356 Datasheet (PDF) - STMicroelectronics

M54HC356 Datasheet PDF - STMicroelectronics
Part # M54HC356
Download  M54HC356 Download
File Size   271.03 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WITH LATCHES 3-STATE 8 CHANNEL MULTIPLEXER/REGISTER

M54HC356 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC356 Datasheet PDF - STMicroelectronics

Part # M54HC356
Download  M54HC356 Click to download

File Size   271.03 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WITH LATCHES 3-STATE 8 CHANNEL MULTIPLEXER/REGISTER

M54HC356 Datasheet (HTML) - STMicroelectronics


M54HC356 Product details

DESCRIPTION
The M54/74HC356 is a high speed CMOS8-CHANNEL MULTIPLEXER/REGISTER (3-State) fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low consumption.

■ HIGH SPEED tPD = 25 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE |IOH| = IOL = 6 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS356




Similar Part No. - M54HC356

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC352 STMICROELECTRONICS-M54HC352 Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
M54HC352B1R STMICROELECTRONICS-M54HC352B1R Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
M54HC352C1R STMICROELECTRONICS-M54HC352C1R Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
M54HC352F1R STMICROELECTRONICS-M54HC352F1R Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
M54HC352M1R STMICROELECTRONICS-M54HC352M1R Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
More results


Similar Description - M54HC356

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC354 PHILIPS-74HC354 Datasheet
82Kb / 14P
8-input multiplexer/register with transparent latches; 3-state
December 1990
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
8-input multiplexer/register; 3-state
December 1990
logo
STMicroelectronics
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
Apr-1993
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
Apr-1993
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP Datasheet
264Kb / 6P
8 CHANNEL MULTIPLEXER (3 STATE)
logo
List of Unclassifed Man...
74HC354 ETC1-74HC354 Datasheet
316Kb / 8P
8-INPUT MULTIPLEXER / RESISTER WITH TRANSPARENT LATCHES 3-STATE
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
8-Channel Multiplexer (3-state)
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595_04 Datasheet
738Kb / 15P
RAD-HARD 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
01-Jun-2004
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
8-bit shift register with output latches (3-state)
10-Jan-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com