Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC356 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC356
Description  WITH LATCHES 3-STATE 8 CHANNEL MULTIPLEXER/REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC356 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC356 Datasheet HTML 2Page - STMicroelectronics M54HC356 Datasheet HTML 3Page - STMicroelectronics M54HC356 Datasheet HTML 4Page - STMicroelectronics M54HC356 Datasheet HTML 5Page - STMicroelectronics M54HC356 Datasheet HTML 6Page - STMicroelectronics M54HC356 Datasheet HTML 7Page - STMicroelectronics M54HC356 Datasheet HTML 8Page - STMicroelectronics M54HC356 Datasheet HTML 9Page - STMicroelectronics M54HC356 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation
Delay Time
(Sn - Y, W)
2.0
50
111
260
325
390
ns
4.5
32
52
65
78
6.0
24
44
55
66
2.0
150
128
300
375
450
ns
4.5
37
60
75
90
6.0
28
51
64
77
tPLH
tPHL
Propagation
Delay Time
(SC - Y, W)
2.0
50
115
270
340
405
ns
4.5
33
54
68
81
6.0
25
46
58
69
2.0
150
132
310
390
465
ns
4.5
38
62
78
93
6.0
29
53
66
79
tPZL
tPZH
3 State Output
Enable Time
2.0
50
RL =1 K
Ω
48
125
155
190
ns
4.5
14
25
31
38
6.0
11
21
26
32
2.0
150
RL =1 K
Ω
65
165
205
250
ns
4.5
19
33
41
50
6.0
15
28
35
43
tPLZ
tPHZ
3 State Output
Disable Time
2.0
50
RL =1 K
Ω
43
155
195
235
ns
4.5
18
31
39
47
6.0
16
26
33
40
fMAX
Maximum Clock
Frequency
2.0
50
6.2
20
5
4.2
ns
4.5
31
80
25
21
6.0
37
82
30
25
tW(L)
tW(H)
Minimum Pulse
Width (CLOCK)
2.0
50
25
75
95
110
ns
4.5
6
151922
6.0
6
131619
tW(L)
Minimum Pulse
Width (SC)
2.0
50
13
75
95
110
ns
4.5
6
151922
6.0
6
131619
ts
Minimum Set-up
Time (Dn)
2.0
50
21
50
65
75
ns
4.5
4
10
113
15
6.0
3
9
11
13
ts
Minimum Set-up
Time (Sn)
2.0
50
9
506575
ns
4.5
2
101315
6.0
2
9
11
13
th
Minimum Hold
Time (Dn) (Sn)
2.0
50
555
ns
4.5
5
5
5
6.0
5
5
5
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
59
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC356
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com