Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5105N381X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R5105N381X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R5105N381X
Download  R5105N381X Download
File Size   616.86 Kbytes
Page   19 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Microprocessor Supervisory Circuit for Automotive Applications

R5105N381X Datasheet (PDF)

Go To PDF Page Download Datasheet
R5105N381X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R5105N381X
Download  R5105N381X Click to download

File Size   616.86 Kbytes
Page   19 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Microprocessor Supervisory Circuit for Automotive Applications

R5105N381X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R5105N381X Product details

FEATURES
• Supply Current (ISS) ........................................................ Typ. 11μA
• Operating Voltage Range (VDD) ......................................0.9V to 6.0V
< Voltage Detector Part >
• Detector Threshold Range...............................................1.5V to 5.5V (0.1V steps)
• Detector Threshold Accuracy...........................................±1.0%
• Detector Threshold Temperature Coefficient ...................Typ. ±100 ppm/°C Typ. ±100 ppm/°C
R5105Nxx1x-TR-AE: −40°C ≤ Ta ≤ 125°C
R5105Nxx1x-TR-JE: −40°C ≤ Ta ≤ 105°C
• Power-on Reset Delay Time accuracy(1) ....................... ±18% (R5105Nxx1x-TR-AE: −40°C ≤ Ta ≤ 125°C)
±16% (R5105Nxx1x-TR-JE: −40°C ≤ Ta ≤ 105°C)
• Power-on reset delay time of the voltage detector ..........Typ. 370ms with an external capacitor : 0.1μF
< Watchdog Timer Part >
• Built-in a watchdog timer's time out period accuracy(1) ....±33%
R5105Nxx1x-TR-AE: −40°C ≤ Ta ≤ 125°C
R5105Nxx1x-TR-JE: −40°C ≤ Ta ≤ 105°C
• Timeout period for watchdog timer ..................................Typ. 310ms with an external capacitor : 0.1μF
• Reset timer for watchdog timer........................................Typ. 34ms with an external capacitor : 0.1μF
• Package ...........................................................................SOT-23-6




Similar Part No. - R5105N381X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5105N RICOH-R5105N Datasheet
382Kb / 14P
Microprocessor Supervisory Circuit
logo
Nisshinbo Micro Devices...
R5105N NISSHINBO-R5105N Datasheet
1Mb / 19P
Microprocessor Supervisory Circuit with Inhibit pin
R5105N NISSHINBO-R5105N Datasheet
1Mb / 20P
Microprocessor Supervisory Circuit with Manual Reset
R5105N NISSHINBO-R5105N Datasheet
1Mb / 19P
Microprocessor Supervisory Circuit with SENSE pin
R5105N NISSHINBO-R5105N Datasheet
1Mb / 20P
Microprocessor Supervisory Circuit with 2 Clock Input Pin
More results


Similar Description - R5105N381X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
Microprocessor Supervisory Circuit
REV.B
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
LTC1235 LINER-LTC1235 Datasheet
295Kb / 16P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com