Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1232 Datasheet (PDF) - Analog Devices

ADM1232 Datasheet PDF - Analog Devices
Part # ADM1232
Download  ADM1232 Download
File Size   122.49 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuit

ADM1232 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1232 Datasheet PDF - Analog Devices

Part # ADM1232
Download  ADM1232 Click to download

File Size   122.49 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuit

ADM1232 Datasheet (HTML) - Analog Devices


ADM1232 Product details

GENERAL DESCRIPTION

The ADM1232 is pin-compatible with the MAX1232, DS1232LP, and DS1232. The Analog Devices, Inc., ADM1232 is a microprocessor monitoring circuit that can monitor the following:

•  Microprocessor supply voltage

•  Whether a microprocessor has locked up

•  External interrupts



FEATURES

Pin-compatible with MAX1232 and Dallas DS1232

Adjustable precision voltage monitor with 4.5 V and 4.75 V options

Adjustable strobe monitor with 150 ms, 600 ms, or 1.2 sec options

No external components

Specified from −40°C to +85°C




Similar Part No. - ADM1232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232A AD-ADM1232A Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
ADM1232AAN AD-ADM1232AAN Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
ADM1232AARM AD-ADM1232AARM Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
ADM1232AARN AD-ADM1232AARN Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
ADM1232AARW AD-ADM1232AARW Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
More results


Similar Description - ADM1232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
LTC1235 LINER-LTC1235 Datasheet
295Kb / 16P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
Microprocessor Supervisory Circuit
REV. C
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
Microprocessor Supervisory Circuit
REV. B
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com