Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1232 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1232
Description  Microprocessor Supervisory Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1232 Datasheet(HTML) 1 Page - Analog Devices

  ADM1232 Datasheet HTML 1Page - Analog Devices ADM1232 Datasheet HTML 2Page - Analog Devices ADM1232 Datasheet HTML 3Page - Analog Devices ADM1232 Datasheet HTML 4Page - Analog Devices ADM1232 Datasheet HTML 5Page - Analog Devices ADM1232 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1232
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
Microprocessor
Supervisory Circuit
FUNCTIONAL BLOCK DIAGRAM
GND
PB RESET
TOLERANCE
TD
RESET
ADM1232
RESET
GENERATOR
RESET
DEBOUNCE
WATCHDOG
TIMEBASE
SELECT
WATCHDOG
TIMER
VCC
5%/10%
TOLERANCE
SELECT
VREF
FEATURES
Superior Upgrade for MAX1232 and Dallas DS1232
Low Power Consumption (500
A max)
Adjustable Precision Voltage Monitor with +4.5 V and
+4.75 V Options
Adjustable STROBE Monitor with 150 ms, 600 ms or
1.2 sec Options
No External Components
APPLICATIONS
Microprocessor Systems
Portable Equipment
Computers
Controllers
Intelligent Instruments
Automotive Systems
Protection Against Damage Caused by
P Failure
GENERAL DESCRIPTION
The ADM1232 is a superior, pin-compatible upgrade for the
MAX1232 and the DS1232LP and DS1232. The Analog
Devices ADM1232 is a microprocessor monitoring circuit that
can monitor:
1. Microprocessor Supply Voltage.
2. Whether a Microprocessor has locked-up.
3. An External Interrupt.
The ADM1232 is available in four different packages:
1. The ADM1232ARM in an 8-lead microSOIC (RM-8).
2. The ADM1232AN in an 8-lead PDIP (N-8).
3. The ADM1232ARW in a 16-lead wide SOIC (R-16).
4. The ADM1232ARN is an 8-lead narrow SOIC (R-8).
ADM1232
ADM1232
STROBE
TOLERANCE
RESET
GND
TD
ADM1232
RESET
MICROPROCESSOR
STROBE
TOLERANCE
I/O
+5V
RESET
10k
+5V
Figure 1. Typical Supply Monitoring Application


Similar Part No. - ADM1232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232A AD-ADM1232A Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
ADM1232AAN AD-ADM1232AAN Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
ADM1232AARM AD-ADM1232AARM Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
ADM1232AARN AD-ADM1232AARN Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
ADM1232AARW AD-ADM1232AARW Datasheet
86Kb / 6P
Microprocessor Supervisory Circuit
REV.0
More results

Similar Description - ADM1232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
LTC1235 LINER-LTC1235 Datasheet
295Kb / 16P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
Microprocessor Supervisory Circuit
REV. C
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
Microprocessor Supervisory Circuit
REV. B
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com