Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC375 Datasheet (PDF) - STMicroelectronics

M74HC375 Datasheet PDF - STMicroelectronics
Part # M74HC375
Download  M74HC375 Download
File Size   245.42 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD D TYPE LATCH

M74HC375 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC375 Datasheet PDF - STMicroelectronics

Part # M74HC375
Download  M74HC375 Click to download

File Size   245.42 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD D TYPE LATCH

M74HC375 Datasheet (HTML) - STMicroelectronics


M74HC375 Product details

DESCRIPTION
The M54/74HC375 is a high speed CMOS QUADD TYPE LATCH fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combinedwithtrue CMOSlowpower consumption. It contains two groups of 2-bit latches controlled by an enable input (G1 . 2 or G3 . 4).

■ HIGH SPEED tPD = 14 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 1 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS375




Similar Part No. - M74HC375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC373 STMICROELECTRONICS-M74HC373 Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M74HC373 STMICROELECTRONICS-M74HC373 Datasheet
242Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC373B1R STMICROELECTRONICS-M74HC373B1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M74HC373B1R STMICROELECTRONICS-M74HC373B1R Datasheet
242Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC373C1R STMICROELECTRONICS-M74HC373C1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
More results


Similar Description - M74HC375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
QUAD CLOCKED D LATCH
Jun-1989
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
Quad D latch
logo
Intersil Corporation
CD4042BMS INTERSIL-CD4042BMS Datasheet
63Kb / 8P
CMOS Quad Clocked “D” Latch
December 1992
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
Quad Clocked D Latch
logo
Texas Instruments
CD4042B TI-CD4042B Datasheet
599Kb / 12P
CMOS Quad Clocked "D" Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
QUAD CLOCKED LATCH
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
logo
Texas Instruments
CD4042B TI1-CD4042B_15 Datasheet
1Mb / 30P
CMOS Quad Clocked D Latch
9314 TI1-9314_11 Datasheet
361Kb / 8P
Quad Latch
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
Quad Latch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com