Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC375 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC375
Description  QUAD D TYPE LATCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC375 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC375 Datasheet HTML 1Page - STMicroelectronics M74HC375 Datasheet HTML 2Page - STMicroelectronics M74HC375 Datasheet HTML 3Page - STMicroelectronics M74HC375 Datasheet HTML 4Page - STMicroelectronics M74HC375 Datasheet HTML 5Page - STMicroelectronics M74HC375 Datasheet HTML 6Page - STMicroelectronics M74HC375 Datasheet HTML 7Page - STMicroelectronics M74HC375 Datasheet HTML 8Page - STMicroelectronics M74HC375 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(DATA - Q, Q)
2.0
56
115
145
175
ns
4.5
14
23
29
35
6.0
12
20
25
30
tPLH
tPHL
Propagation
Delay Time
(G - Q, Q)
2.0
52
105
130
160
ns
4.5
13
21
26
32
6.0
11
18
22
27
t(W)H
Minimum Enable
Pulse Width
(G)
2.0
12
75
95
115
ns
4.5
3
151923
6.0
3
131620
ts
Minimum Set-up
Time
(DATA - G)
2.0
20
75
95
115
ns
4.5
5
151923
6.0
4
131620
th
Minimum Hold
Time
(DATA - G)
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
52
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC375
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com