Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN2012_E Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

LN2012_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # LN2012_E
Download  LN2012_E Download
File Size   394.06 Kbytes
Page   6 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description Stereo 2.1W Non-Clip Audio Power Amplifiers

LN2012_E Datasheet (PDF)

Go To PDF Page Download Datasheet
LN2012_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2012_E
Download  LN2012_E Click to download

File Size   394.06 Kbytes
Page   6 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description Stereo 2.1W Non-Clip Audio Power Amplifiers

LN2012_E Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


LN2012_E Product details

■ Features
 Maximum output
2.1 W×2ch (VDDP=VDDA=5.0V, RL=4Ω, THD+N=1%)
0.75 W×2ch (VDDP=VDDA=3.6V, RL=8Ω, THD+N=10%)
 Distortion Rate (THD+N)
0.03 % (VDDP=VDDA=3.6V, RL=8Ω, Po=0.4W, 1kHz)
 Efficiency
84 % (VDDP=VDDA=3.6V, RL=8Ω, Po==600mW)
 Channel separation
95dB (VDDP=VDDA=3.6V, RL=8Ω, Av=18dB, 1kHz)
 Non-clip output
 2ch independent power-down control function
 Thermal Protection function
■ General Description
The LN2012 is a digital audio power amplifier IC with maximum output of 2.1W (RL=4Ω)×2ch, which directly drives speakers while reducing distortion of pulse output signal and reducing noise on the signal, and realizes the highest standard low distortion rate characteristics and low noise characteristics .
The LN2012 detects output signal clip due to the over level input signal and suppress the output signal clip automatically. Also the non-clip output control function can adapt the output clip caused by power supply voltage down with battery. Attack time and release time can be freely set by external resistances or capacitances.
The independent power-down function for L channel and R channel minimizes consumption current at standby. As for protection function, short-current protection function for speaker output terminal, over-temperatue protection function for inside of the device, and low supply voltage malfunction preventing function are prepared.
■ Applications
 Multimedia monitors
 Portable and desktop computers
 Portable televisions




Similar Part No. - LN2012_E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
LN2003-G ETC1-LN2003-G Datasheet
54Kb / 2P
SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
LN2003-G-AG ETC1-LN2003-G-AG Datasheet
54Kb / 2P
SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
LN2003-G-CG ETC1-LN2003-G-CG Datasheet
54Kb / 2P
SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
LN2003-RE ETC1-LN2003-RE Datasheet
54Kb / 2P
SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
More results


Similar Description - LN2012_E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
YAMAHA CORPORATION
YDA144 YAMAHA-YDA144 Datasheet
1Mb / 26P
STEREO 2.1W Non-Clip DIGITAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
Stereo 2W Audio Power Amplifiers
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NS4215 ETC-NS4215 Datasheet
808Kb / 20P
STEREO 8.5W Non-Clip CLASS-D AUDIO POWER AMPLIFIER
2013/08 V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com