Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA144 Datasheet (PDF) - YAMAHA CORPORATION

YDA144 Datasheet PDF - YAMAHA CORPORATION
Part # YDA144
Download  YDA144 Download
File Size   1175.73 Kbytes
Page   26 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description STEREO 2.1W Non-Clip DIGITAL AUDIO POWER AMPLIFIER

YDA144 Datasheet (PDF)

Go To PDF Page Download Datasheet
YDA144 Datasheet PDF - YAMAHA CORPORATION

Part # YDA144
Download  YDA144 Click to download

File Size   1175.73 Kbytes
Page   26 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description STEREO 2.1W Non-Clip DIGITAL AUDIO POWER AMPLIFIER

YDA144 Datasheet (HTML) - YAMAHA CORPORATION


YDA144 Product details

■ Overview

YDA144 (D-4N) is a digital audio power amplifier IC with maximum output of 2.1W (RL=4Ω)×2ch. YDA144 has a “Pure Pulse Direct Speaker Drive Circuit” which directly drives speakers while reducing distortion of pulse output signal and reducing noise on the signal, and realizes the highest standard low distortion rate characteristics and low noise characteristics among digital amplifier ICs for mobile use.

In addition, circuit design with fewer external parts can be made depend on the condition of use because corresponds to filter less.

The YDA144 features Yamaha original non-clip output control function which detects output signal clip due to the over level input signal and suppress the output signal clip automatically. Also the non-clip output control function can adapt the output clip caused by power supply voltage down with battery. This is the difference from the traditional AGC (Auto Gain Control) or ALC (Auto Level Control) circuit. Attack time and release time can be freely set by external resistances or capacitances.



■ Features

• Maximum output

   2.1 W×2ch (VDDP=VDDA=5.0V, RL=4Ω, THD+N=10%)

   0.75 W×2ch (VDDP=VDDA=3.6V, RL=8Ω, THD+N=10%)

• Distortion Rate (THD+N)

   0.03 % (VDDP=VDDA=3.6V, RL=8Ω, Po=0.4W, 1kHz)

• Residual Noise

   40µVrms (VDDP=VDDA=3.6V, Av=12dB)

• Efficiency

   84 % (VDDP=VDDA=3.6V, RL=8Ω, Po=600mW)

   78 % (VDDP=VDDA=3.6V, RL=8Ω, Po=100mW)

• S/N Ratio

   95dB (VDDP=VDDA=3.6V, Av=12dB)

• Channel separation

   95dB (VDDP=VDDA=3.6V, RL=8Ω, Av=18dB, 1kHz)

• Over-current Protection function

• Thermal Protection function

• Low voltage Malfunction Prevention function

• 2ch independent power-down control function

• Power-down High speed Recovery function

• Package

   Lead-free 16-ball WLCSP (YDA144-WZ)

   Lead-free 20-pin QFN (YDA144-QZ)



 




Similar Part No. - YDA144

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
More results


Similar Description - YDA144

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
Fangtek Ltd.
FT4288 FANGTEK-FT4288 Datasheet
378Kb / 12P
Dual 2.1W Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NS4215 ETC-NS4215 Datasheet
808Kb / 20P
STEREO 8.5W Non-Clip CLASS-D AUDIO POWER AMPLIFIER
2013/08 V1.0
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com