Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA142 Datasheet (PDF) - YAMAHA CORPORATION

YDA142 Datasheet PDF - YAMAHA CORPORATION
Part # YDA142
Download  YDA142 Download
File Size   1011.25 Kbytes
Page   18 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER

YDA142 Datasheet (PDF)

Go To PDF Page Download Datasheet
YDA142 Datasheet PDF - YAMAHA CORPORATION

Part # YDA142
Download  YDA142 Click to download

File Size   1011.25 Kbytes
Page   18 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER

YDA142 Datasheet (HTML) - YAMAHA CORPORATION


YDA142 Product details

■ Overview
YDA142 (D-3D) is a 12V single supply voltage, high-efficiency digital audio power amplifier IC. An audio power amplifier with a maximum output of 9.5W (RL=8Ω) × 2ch or 19W (RL=4Ω) × 1ch can be configured with one chip.
YDA142 has a “Pure Pulse Direct Speaker Drive Circuit” that directly drives speakers while reducing distortion of a pulse output signal and reducing noise on a signal, and it realizes the highest standard low distortion rate characteristics and low noise characteristics as compared with those of digital amplifier ICs in the same class. The circuit allows you to design a circuit with as few external parts as possible depending on use conditions because any filter is no longer required

■ Features
 • Maximum Output
    9.5 W×2ch (VDDP=12.0V, RL=8Ω, THD+N=10%, MONO=L, GAIN[2:0]=H,L,L)
    19 W×1ch (VDDP=12.0V, RL=4Ω, THD+N=10%, MONO=H, GAIN[2:0]=H,L,L)
 • Efficiency
    90 % (VDDP=12.0V, RL=8Ω, Po=9.5W)
 • Distortion Rate (THD+N)
    0.05 % (VDDP=12.0V, RL=8Ω, Po=1.0W, GAIN[2:0]=H,L,L)
 • S/N Ratio
    100dB (VDDP=12.0V, RL=8Ω, Po=9.5W, GAIN[2:0]=H,L,L)
 • Channel Separation Ratio
    -78dB (VDDP=12.0V)
 • Supply voltage Range
    9.0V to 13.5V
 • 3-wire Digital Signal Input
    Fs: 32kHz/44.1kHz or 48kHz, Bits: 16bit or 18bit
 • Gain Setting Function with GAIN[2:0] and GAINA terminal
 • Power-down Function with SLEEPN terminal
 • Output Mute Function with MUTEN terminal
 • Monaural Output Function with MONO terminal
 • Protection Functions (Over-current Protection, Thermal Protection, Clock Stop protection, Under-voltage Malfunction
    Prevention, DC Input Detection)
 • Pop-noise Reduction Function
 • Digital Input/BTL(Bridge-Tied Load) output
 • Package
    Lead-free 52-pin SSOP (YDA142-EZ)




Similar Part No. - YDA142

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
YDA144 YAMAHA-YDA144 Datasheet
1Mb / 26P
STEREO 2.1W Non-Clip DIGITAL AUDIO POWER AMPLIFIER
More results


Similar Description - YDA142

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
20W Stereo Digital Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2111 ISSI-IS31AP2111 Datasheet
1Mb / 31P
2횞20W STEREO DIGITAL AUDIO AMPLIFIER
logo
Texas Instruments
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
Digital Input Audio Power Amplifier
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
Digital Input Audio Power Amplifier
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
1/2018-Rev. A to Rev. B
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com