Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA143 Datasheet (PDF) - YAMAHA CORPORATION

YDA143 Datasheet PDF - YAMAHA CORPORATION
Part # YDA143
Download  YDA143 Download
File Size   1047.28 Kbytes
Page   22 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER

YDA143 Datasheet (PDF)

Go To PDF Page Download Datasheet
YDA143 Datasheet PDF - YAMAHA CORPORATION

Part # YDA143
Download  YDA143 Click to download

File Size   1047.28 Kbytes
Page   22 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER

YDA143 Datasheet (HTML) - YAMAHA CORPORATION


YDA143 Product details

■Overview

YDA143 (D-3M) is a high efficient digital audio power amplifier IC that operates with a single 12V power supply. An audio power amplifier with a maximum output of 15W (RL=4Ω)×2ch can be configured with one chip. YDA143 has a “Pure Pulse Direct Speaker Drive Circuit” which directly drives speakers while reducing distortion of pulse output signal and reducing noise on the signal, and realizes the highest standard low distortion rate characteristics and low noise characteristics as 15W-class of output digital amplifier IC. In addition, circuit design with fewer external parts can be made depend on the condition of use because corresponds to filter less.

YDA143 has 50mW (RL=32Ω)×2ch Class AB headphone amplifiers. YDA143 provides Over-current protection function for speaker output terminals, IC thermal protection function, and POP noise reduction function as well as power-down function and output mute function.



■Features

Digital Amplifier

・Continuous maximum output

15 W×2ch (VDDP=12.0V, RL=4Ω, THD+N=10%)

・Efficiency

87 % (VDDP=12.0V, RL=4Ω, Po=15W)

・Distortion Rate (THD+N)

0.04 % (VDDP=12.0V, RL=4Ω, Po=1.5W)

・S/N Ratio

103dB (VDDP=12.0V, RL=4Ω, Po=15W, GAIN[1:0]=H,H)

・Channel Separation

-65dB (VDDP=12.0V, RL=4Ω, GAIN[1:0]=H,H)



Class AB Headphone Amplifier

・Maximum output

50mW×2ch (VDDP=12.0V, RL=32Ω, THD+N=10 %)

・Distortion Rate(THD+N)

0.01 % (VDDP=12.0V, RL=32Ω, Pho=25mW)

・S/N Ratio

95dB (VDDP=12.0V, RL=32Ω, Pho=50mW, GAIN[1:0]=H,H)



Others

・Operating power supply range 9.0V to 13.5V

・Multi-channel synchronizing operation by Master/Slave switching function

・Carrier frequency switching function 524kHz/466kHz

・Sleep function with SLEEPN terminal

・Output muting function with MUTEN terminal

・Over-current protection function

・Thermal protection function

・Clock stop protection function

・Pop noise reduction function

・Analog input/BTL (Bridge-Tied Load) output

・Lead-free 52-pin SSOP (YDA143-EZ)






Similar Part No. - YDA143

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
YDA144 YAMAHA-YDA144 Datasheet
1Mb / 26P
STEREO 2.1W Non-Clip DIGITAL AUDIO POWER AMPLIFIER
More results


Similar Description - YDA143

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2621 ANPEC-APA2621 Datasheet
420Kb / 24P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
logo
Richtek Technology Corp...
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
15W Stereo Class-D Audio Power Amplifier
April 2013
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com