Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA137 Datasheet (PDF) - YAMAHA CORPORATION

YDA137 Datasheet PDF - YAMAHA CORPORATION
Part # YDA137
Download  YDA137 Download
File Size   924.45 Kbytes
Page   20 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER

YDA137 Datasheet (PDF)

Go To PDF Page Download Datasheet
YDA137 Datasheet PDF - YAMAHA CORPORATION

Part # YDA137
Download  YDA137 Click to download

File Size   924.45 Kbytes
Page   20 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER

YDA137 Datasheet (HTML) - YAMAHA CORPORATION


YDA137 Product details

■ Overview

YDA137 (D-2) is a high efficient digital audio power amplifier IC that operates on a single 5V power supply. With YDA137 in BTL connection, an audio power amplifier with a maximum output of 5W (RL=2Ω )×2ch can be configured with one chip.

YDA137 converts an input analog data into a digital pulse by the digital modulation circuit in the IC and outputs a high current digital pulse from the output buffer circuit. This digital pulse signal is converted into an audio signal by an external low-pass filter and is output to the speaker. Low-distortion rate characteristics and high S/N ratio are realized as a digital amplifier among same class, by adopting Yamaha’s unique modulation system.

In addition, class AB headphone amplifier with output of 20mW (RL=16Ω )×2ch is embedded and switching between digital amplifier output and headphone amplifier output can be done by the control of terminal termination. YDA137 has the over-current protection function for speaker terminals, the high-temperature protection function for IC, and the pop noise rejection function.



■ Features

• High Output Power

   5.0 W @ VDD=5.0V, RL=2Ω , THD+N<10%

   3.7 W @ VDD=5.0V, RL=3Ω , THD+N<10%

   3.0 W @ VDD=5.0V, RL=4Ω , THD+N<10%

• High Efficient Operation

   75 % @ VDD=5.0V, RL=2Ω , Po=5W

   80 % @ VDD=5.0V, RL=3Ω , Po=3W

• Low Distortion Rate (THD+N)

   0.03 % @ 1kHz, RL=2Ω , Po=2.5W

   0.02 % @ 1kHz, RL=3Ω , Po=1.5W

• High S/N Ratio

   105dB @VDD=5.0V, input sensitivity 1.0Vrms, RL=2Ω , Po=5W

   98dB @VDD=5.0V, input sensitivity 150mVrms, RL=2Ω , Po=5W

• IC Low Consumption Current

   25 mA @ VDD=5.0V, no signal (no filter)

   10 mA @ VDD=5.0V, at mute

   1 µA @ VDD=5.0V, at sleep

• CS(Channel Separation)

   80dB @ 1kHz

• Class AB headphone amp. is embedded.

   20mW @ VDD=5.0V, RL=16Ω , THD+N<1.0%

• Arbitral gain setting with external resistor is possible.

• Sleep function by /SLEEP terminal

• Output mute function by /MUTE terminal

• Output Over-Current Protection Function (Ground short-circuit/Load short-circuit)

• Over-Temperature Protection Function

• Auto Resume Function from Over-Current, High-Temperature Protection.

• Monaural Function by /MONO terminal

• Pop Noise Rejection Function at power-up or power-cutoff.

• Analog input / BTL(Bridge-Tied Load) output

• 28pin plastic TSSOP

   pin lead plating with Pd-free (YDA137-AZ)



 




Similar Part No. - YDA137

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA136 YAMAHA-YDA136 Datasheet
1Mb / 32P
D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA138-E YAMAHA-YDA138-E Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
More results


Similar Description - YDA137

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
20W Stereo Digital Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8406 DIODES-PAM8406 Datasheet
560Kb / 14P
ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
Rev 1
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
1/2018-Rev. A to Rev. B
logo
SHENZHEN FUMAN ELECTRON...
TC4158 FUMAN-TC4158 Datasheet
245Kb / 8P
5W Mono Digital Audio Power Amplifier IC
TC6805 FUMAN-TC6805 Datasheet
266Kb / 8P
5W Mono Digital Audio Power Amplifier IC
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com