Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA136 Datasheet (PDF) - YAMAHA CORPORATION

YDA136 Datasheet PDF - YAMAHA CORPORATION
Part # YDA136
Download  YDA136 Download
File Size   1183.28 Kbytes
Page   32 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER

YDA136 Datasheet (PDF)

Go To PDF Page Download Datasheet
YDA136 Datasheet PDF - YAMAHA CORPORATION

Part # YDA136
Download  YDA136 Click to download

File Size   1183.28 Kbytes
Page   32 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER

YDA136 Datasheet (HTML) - YAMAHA CORPORATION


YDA136 Product details

■ Outline

YDA136 (D-60) is a high efficient and high output digital audio power amplifier controller IC. By combining a general purpose PowerMOSFET (hereafter called PowerMOSFET) which is connected with YDA136 and BTL, it is able to compose a high efficient audio power amplifier such as 60Wx2ch (Supplied voltage=32V, RL=6Ω) and 100Wx2ch (Supplied voltage=40V, RL=6Ω).

YDA136 has 24bit 192kHz (max) DAC and 6 to -73dB(1dB Step) of electron volumes in addition to a digital amplifier controller, and supports a digital audio signal input. Furthermore, it also supports an analog audio signal input with DAC bypasses.



■ Features

• High Output Power

   100W (VBB=40V, RL=6Ω)

   60W (VBB=32V, RL=6Ω)

• Low Distortion Rate(THD+N)

   0.05% (Po=50W, 1kHz, RL=6Ω, at digital input)

   0.03% (Po=50W, 1kHz, RL=6Ω, at analog input)

• High S/N Ratio

   100dB (VBB=40V, A-filter, Gain=21.7+6dB, RL=6Ω, at digital input

• Low Residual Noise

   100µV (VBB=40V, Gain=21.7+6dB, at digital input)

   70µV (VBB=40V, Gain=21.7+6dB, at analog input)

• Channel Separation 80dB (1kHz, Po=50W)



• Supports 24bit Digital input and Analog input

• Built-in 6 to -73dB(1dB Step) of electron volume

• Multi-channel synchronous operation by switching Master/Slave function.

• Protect reset function

• Hard mute function

• Monophonic function

• Unusual operation detection protection function (Over current, Supplied voltage, Speaker terminal short, Clock stop, Heat)

• Pop noise rejection function at the time of power-up

• 100 pin plastic SQFP

   Pin lead plating with Pd-free (YDA136-SZ)



 




Similar Part No. - YDA136

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA138-E YAMAHA-YDA138-E Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
More results


Similar Description - YDA136

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
YAMAHA CORPORATION
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
20W Stereo Digital Class-D Audio Power Amplifier
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com