Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA138 Datasheet (PDF) - YAMAHA CORPORATION

YDA138 Datasheet PDF - YAMAHA CORPORATION
Part # YDA138
Download  YDA138 Download
File Size   1203.9 Kbytes
Page   20 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER

YDA138 Datasheet (PDF)

Go To PDF Page Download Datasheet
YDA138 Datasheet PDF - YAMAHA CORPORATION

Part # YDA138
Download  YDA138 Click to download

File Size   1203.9 Kbytes
Page   20 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER

YDA138 Datasheet (HTML) - YAMAHA CORPORATION


YDA138 Product details

■Overview

YDA138 (D-3) is a high efficient digital audio power amplifier IC that operates with a single 12V power supply. An audio power amplifier with a maximum output of 10W (RL=8Ω )× 2ch or 20W (RL=4Ω )× 1ch can be configured with one chip.

YDA138 has a “Pure Pulse Direct Speaker Drive Circuit” which directly drives speakers while reducing distortion of pulse output signal and reducing noise on the signal, and realizes the highest standard low distortion rate characteristics and low noise characteristics as 10W-class of output digital amplifier IC. In addition, circuit design with fewer external parts can be made depend on the condition of use because corresponds to filter less.



■Features

Digital Amplifier

・Continuous maximum output

  10 W×2ch @ VDDP=12.0V, RL=8Ω , THD+N=10%

  20 W×1ch @ VDDP=12.0V, RL=4Ω , THD+N=10%

・Efficiency

  88 % @ VDDP=12.0V, RL=8Ω , Po=10W

・Distortion Rate (THD+N)

  0.02 % @ VDDP=12.0V, RL=8Ω , Po=1.0W

・S/N Ratio

  103dB @ VDDP=12.0V, RL=8Ω , Po=10W, VOL[1:0]=H,H

・Channel Separation

-70dB @ VDDP=12.0V, RL=8Ω , VOL[1:0]=H,H Class AB Headphone Amplifier

・Maximum output 50mW×2ch @ VDDP=12.0V, RL=32Ω , THD+N=10%

・Distortion Rate(THD+N)

0.01 % @ VDDP=12.0V, RL=32Ω , Pho=30mW

・S/N Ratio

95dB @ VDDP=12.0V, RL=32Ω , Pho=20mW, VOL[1:0]=H,H



Others

・Operating power supply range

9.0V to 13.5V

・Multi-channel synchronizing operation by

Master/Slave switching function

・Carrier frequency switching function

524kHz/466kHz

・Sleep function with SLEEPN terminal

・Output muting function with MUTEN terminal

・Over-current protection function

・Thermal protection function

・Clock stop detection function

・Pop noise reduction function

・AM interference measures function

・Analog input/BTL (Bridge-Tied Load) output

・42-pin plastic SSOP

Pin lead plating with Pd free (YDA138-EZ)




Similar Part No. - YDA138

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA136 YAMAHA-YDA136 Datasheet
1Mb / 32P
D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
More results


Similar Description - YDA138

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
YAMAHA CORPORATION
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
10W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
20W Stereo Digital Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
10W Stereo Class-D Audio Power Amplifier
Rev 1
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
10W Stereo Integrated Audio Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com