Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA135 Datasheet (PDF) - YAMAHA CORPORATION

YDA135 Datasheet PDF - YAMAHA CORPORATION
Part # YDA135
Download  YDA135 Download
File Size   464.28 Kbytes
Page   22 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER

YDA135 Datasheet (PDF)

Go To PDF Page Download Datasheet
YDA135 Datasheet PDF - YAMAHA CORPORATION

Part # YDA135
Download  YDA135 Click to download

File Size   464.28 Kbytes
Page   22 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER

YDA135 Datasheet (HTML) - YAMAHA CORPORATION




Similar Part No. - YDA135

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA136 YAMAHA-YDA136 Datasheet
1Mb / 32P
D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA138-E YAMAHA-YDA138-E Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
More results


Similar Description - YDA135

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
YAMAHA CORPORATION
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602_1 Datasheet
842Kb / 27P
20W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
20W Stereo Digital Class-D Audio Power Amplifier
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Diodes Incorporated
PAM8406 DIODES-PAM8406 Datasheet
560Kb / 14P
ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
Rev 1
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com