Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA36600 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA36600 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA36600
Download  DIA36600 Download
File Size   161.51 Kbytes
Page   1 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1 Port eUSB2.0 to USB2.0 Repeater

DIA36600 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA36600 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA36600
Download  DIA36600 Click to download

File Size   161.51 Kbytes
Page   1 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1 Port eUSB2.0 to USB2.0 Repeater

DIA36600 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA36600 Product details

 Features
 AEC-Q100 qualified
 Compliance to eUSB2.0 and USB2.0
 Compliance to eUSB2.0 physical layer
 Compliance to the USB2.0 specification and all
relevant ECNs
 Supports host-only repeater, device-only
repeater, and dual-role repeater operation
 Supports all USB2.0 FS, LS and HS data rates
 Supports RAP for a selected set of registers
 Integrated, configurable pull-up and pull-down
resistors on both eUSB2.0 and USB2.0 ends
 Signal Integrity (SI) settings
− For eUSB2.0: support Tx de-emphasis, Rx
equalization, Rx squelch threshold, Tx
output swing
− For USB2.0: support Rx squelch threshold,
Rx termination, Rx equalization, Tx
de-emphasis, Tx slew rate, Tx output swing
 1.8 V I2C target interface supports standard
mode, fast mode and fast mode plus
 Supports BC1.2 power provider CDP
configuration capability in host mode
 Description
The DIA36600 is an automotive qualified 1-port
eUSB2.0 to USB2.0 repeater, designed for
automotive applications such as infotainment
systems, head units, and active cables. It ensures
seamless signal translation between the lower
voltage SoCs and legacy USB2.0 system interfaces
while supporting host-only, device-only, and dual-role
repeater modes. The device complies with USB2.0
standards, offering full-speed (12 Mbps), low-speed
(1.5 Mbps), and high-speed (480 Mbps) data rates.
The DIA36600 is compliant with the embedded
USB2.0 (eUSB2.0) Physical Layer Supplement to the
USB Revision 2.0 Specification, and supports
eUSB2.0 operations and protocol.
The DIA36600 offers extensive signal integrity
configurability, such as adjustable Tx de-emphasis
and Rx equalization, and supports BC1.2 power
provider CDP configuration in host mode. The
DIA36600 supports 1.8 V I2C interface, and the I2C
target address is selectable using the ADDR pin
connected to VDD1V8 with a resistor or connected to
GND directly.
The DIA36600 is available in green wettable-flank
QFN-12 package. The devices are specified over an
ambient temperature range from -40°C to 105°C,
which meets the requirements of automotive
applications.
 Applications
 Automotive infotainment and cluster
 Automotive head unit
 Active cable, cable extenders, and backplane




Similar Part No. - DIA36600

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA36812 DIOO-DIA36812 Datasheet
1Mb / 16P
1.8 V Dual-Channel, Single-lane USB 3.2 Gen1 Redriver
Apr 2025
DIA36812CN24 DIOO-DIA36812CN24 Datasheet
1Mb / 16P
1.8 V Dual-Channel, Single-lane USB 3.2 Gen1 Redriver
Apr 2025
More results


Similar Description - DIA36600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS116 TI-SN65LVDS116 Datasheet
247Kb / 16P
16-PORT LVDS REPEATER
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
Oxford Semiconductor
OXUSB954 OXFORD-OXUSB954 Datasheet
54Kb / 2P
USB2.0 to Quad Serial Port Bridge
logo
Texas Instruments
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
logo
Texas Instruments
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
16-PORT LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
Renesas Technology Corp
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com