Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA36812 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA36812 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA36812
Download  DIA36812 Download
File Size   1230.64 Kbytes
Page   16 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1.8 V Dual-Channel, Single-lane USB 3.2 Gen1 Redriver

DIA36812 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA36812 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA36812
Download  DIA36812 Click to download

File Size   1230.64 Kbytes
Page   16 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1.8 V Dual-Channel, Single-lane USB 3.2 Gen1 Redriver

DIA36812 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA36812 Product details

 Features
 AEC-Q100 qualified
 Dual-channel, single-lane USB 3.2 Gen1 5 Gbps
redriver with 1.8 V power supply
 Support full USB 3.2 Gen1 mode switching with
automatic power saving
 Ultra-low-power architecture
− Power down mode: 40 μA
− Suspend mode: 85 μA
− Power saving mode: 2.5 mA
− Active: 130 mA
 Optimal receiver equalization
− 4, 6, 10 and 14 dB
 Output driver de-emphasis
− 0, 2, 2.5 and 4 dB
 Support low frequency periodic signaling (LFPS)
detection
 Support hot plug with automatic receiver
detection
 Integrated 50 Ω termination resistors for RX &
TX Internal soft start limits the inrush current
 Applications
 Automotive USB 3.2 Gen1 high transmission
 Automotive remote USB port
 Automotive USB hubs
 Workstations
 Docking station
 Description
The DIA36812 is a dual-channel, single-lane USB 3.2
Gen1 5 Gbps redriver. The device offers low power
consumption on a 1.8 V supply with its
ultra-low-power architecture. The redriver also
supports the suspend mode, which further reduces
power consumption.
The dual-channel capability enables the system to
maintain signal integrity on both transmit and receive
data paths. The receiver equalization has four gain
settings to overcome channel degradation from
insertion loss and inter-symbol interference. These
settings are controlled from the EQ pins. To
compensate for transmission line losses, the output
driver supports configuration of de-emphasis with
pins DE.
The DIA36812 can be placed close to USB connector
to compensate for board electrical signal losses and
regenerate high-quality USB 3.2 Gen1 electrical
signals.
The DIA36812 is available in QFN4*4-24 package. It
is specified over ambient temperature range of -40°C
to 105°C, which meets the requirements of
automotive applications.




Similar Part No. - DIA36812

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA36600 DIOO-DIA36600 Datasheet
161Kb / 1P
1 Port eUSB2.0 to USB2.0 Repeater
Mar 2026
More results


Similar Description - DIA36812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
TUSB501 TI1-TUSB501_16 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
logo
Texas Instruments
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
Dual-Channel USB 3.0 Redriver and Equalizer
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
logo
NXP Semiconductors
PTN36221A NXP-PTN36221A Datasheet
994Kb / 24P
Single-channel SuperSpeed USB 3.0 redriver
Rev. 2.1-25 August2015
logo
Texas Instruments
TUSB1004 TI-TUSB1004 Datasheet
1Mb / 53P
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
APRIL 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com