Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA58108 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA58108 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA58108
Download  DIA58108 Download
File Size   640.47 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Automotive Multi-Channel MOSFET Driver

DIA58108 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA58108 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA58108
Download  DIA58108 Click to download

File Size   640.47 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Automotive Multi-Channel MOSFET Driver

DIA58108 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA58108 Product details

 Features
 AEC-Q100 Grade 1 qualified
 6 V to 28 V (40 V abs. max) operating range
 Configurable source/sink current from 1 mA to
100 mA with 32 steps
 Adaptive MOSFET gate control
− Improved electromagnetic emission
− Reduced switching losses in PWM mode
 Two current sense amplifiers
− Configurable gain settings
− Supports high side, low side or inline
 Four PWM inputs
− High side and low side PWM
− Active free-wheeling
− Up to 100 kHz PWM frequency
 Supports two different power supplies for
half-bridges
 Control of reverse battery protection MOSFET
 Complete protections and diagnostics
− VDS monitor for every MOS
− Complete off-state diagnostic: open load,
short to battery, short to GND
− Overtemperature warning and shutdown
− Timeout watchdog with configurable period
settings (10, 50, 100, 200 ms)
− Supply undervoltage monitor
− Supply overvoltage monitor both in active
and passive mode
− Cross current protection
 Configurable low-side 1-4 brake with short
circuit detection both in sleep and normal mode
 Applications
 Automotive brushed DC motors
 Zone control unit
 Power seat modules
 Power lift gate
 Power sunroof
 Description
The DIA58108 is a multi-channel NMOS gate driver
which can drive up to 16 MOSFETs. The devices
can be used as 8ch half-bridges for driving DC motor
control applications, and they can also be used as
high-side or low-side drivers for wider automotive
applications.
EMC performance can be well tuned by adjustable
slew rate with independence from cross-current
protection time and turn on/off delays. The on-board
measurement and self-adaption of external
MOSFET switching times allow balancing of power
dissipation and EMC performance.
The DIA58108 integrates complete diagnostics and
protections, where brake protection greatly
enhances system reliability. This function allows the
motor to enter permanent brake mode to avoid
unintended movement of the motor. It can also
protect against supply overvoltage caused by the
motor working in generator mode to protect the
system. The 24-bit SPI interface allows more flexible
device configuration and fault observability.
For A version, DIA58108 can separately configure
the drain-source overvoltage threshold for the
high-side and low-side MOSFETs of a half bridge,
and it can also support the independent control
mode which is friendly for high-side switch
application.




Similar Part No. - DIA58108

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA58104 DIOO-DIA58104 Datasheet
597Kb / 7P
Automotive Multi-Channel MOSFET Driver
Aug 2025
DIA58104AQN48 DIOO-DIA58104AQN48 Datasheet
597Kb / 7P
Automotive Multi-Channel MOSFET Driver
Aug 2025
DIA58104QN48 DIOO-DIA58104QN48 Datasheet
597Kb / 7P
Automotive Multi-Channel MOSFET Driver
Aug 2025
More results


Similar Description - DIA58108

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4910 ALLEGRO-A4910_16 Datasheet
780Kb / 36P
Automotive 3-Phase MOSFET Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K30T AVAGO-ACPL-K30T Datasheet
302Kb / 10P
Automotive Photovoltaic MOSFET Driver
logo
Texas Instruments
DRV8904-Q1 TI1-DRV8904-Q1 Datasheet
1Mb / 96P
Automotive multi-channel half-bridge driver
logo
Allegro MicroSystems
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
Automotive Half-Bridge MOSFET Driver
logo
STMicroelectronics
L9026 STMICROELECTRONICS-L9026 Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
logo
STMicroelectronics
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
L99MOD53XP STMICROELECTRONICS-L99MOD53XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
02-Nov-2021
L99MOD54XP STMICROELECTRONICS-L99MOD54XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
08-Oct-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com