Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4024 Datasheet (PDF) - STMicroelectronics

M74HC4024 Datasheet PDF - STMicroelectronics
Part # M74HC4024
Download  M74HC4024 Download
File Size   246.62 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7 STAGE BINARY COUNTER

M74HC4024 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4024 Datasheet PDF - STMicroelectronics

Part # M74HC4024
Download  M74HC4024 Click to download

File Size   246.62 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7 STAGE BINARY COUNTER

M74HC4024 Datasheet (HTML) - STMicroelectronics


M74HC4024 Product details

DESCRIPTION
The M54/74HC4024 is a high speed CMOS 7-STAGE BINARY COUNTER fabricated in silicon gate C2MOS technology.

■ HIGH SPEED
    tPD = 13 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) AT TA = 25° C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH|= IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 4024B
   




Similar Part No. - M74HC4024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4024 STMICROELECTRONICS-M74HC4024 Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
M74HC4024B1R STMICROELECTRONICS-M74HC4024B1R Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
M74HC4024M1R STMICROELECTRONICS-M74HC4024M1R Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
M74HC4024RM13TR STMICROELECTRONICS-M74HC4024RM13TR Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
M74HC4024TTR STMICROELECTRONICS-M74HC4024TTR Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
More results


Similar Description - M74HC4024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
HEF4024B PHILIPS-HEF4024B Datasheet
42Kb / 5P
7-stage binary counter
January 1995
logo
Toshiba Semiconductor
TC74HC4024AP TOSHIBA-TC74HC4024AP Datasheet
218Kb / 5P
7-STAGE BINARY COUNTER
logo
Hitachi Semiconductor
HD74HC4024 HITACHI-HD74HC4024 Datasheet
47Kb / 8P
7-stage Binary Counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
STMicroelectronics
M74HC4024 STMICROELECTRONICS-M74HC4024 Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74HC4024 RENESAS-HD74HC4024 Datasheet
91Kb / 7P
7-stage Binary Counter
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
7-stage binary ripple counter
Rev. 10 - 23 November 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com