Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4024 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4024
Description  7 STAGE BINARY COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4024 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4024 Datasheet HTML 1Page - STMicroelectronics M74HC4024 Datasheet HTML 2Page - STMicroelectronics M74HC4024 Datasheet HTML 3Page - STMicroelectronics M74HC4024 Datasheet HTML 4Page - STMicroelectronics M74HC4024 Datasheet HTML 5Page - STMicroelectronics M74HC4024 Datasheet HTML 6Page - STMicroelectronics M74HC4024 Datasheet HTML 7Page - STMicroelectronics M74HC4024 Datasheet HTML 8Page - STMicroelectronics M74HC4024 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC4024
M74HC4024
October 1992
7 STAGE BINARY COUNTER
B1R
(Plastic Package)
ORDER CODES :
M54HC4024F1R
M74HC4024M1R
M74HC4024B1R
M74HC4024C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 13 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25° C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 4024B
The M54/74HC4024 is a high speed CMOS 7-
STAGE BINARY COUNTER fabricated in silicon
gate C
2MOS technology. It has the same high
speed performance of LSTTL combined with true
CMOS low power consumption. The HC4024 is a 7
stage Counter. This devices is incremented on the
falling edge (negative transition) of the input clock,
and all its outputs are reset to a low level by applying
a logical high on their reset input. All inputs are
equipped with protection circuits against static dis-
charge and transient excess voltage.
1/11


Similar Part No. - M74HC4024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4024 STMICROELECTRONICS-M74HC4024 Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
M74HC4024B1R STMICROELECTRONICS-M74HC4024B1R Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
M74HC4024M1R STMICROELECTRONICS-M74HC4024M1R Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
M74HC4024RM13TR STMICROELECTRONICS-M74HC4024RM13TR Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
M74HC4024TTR STMICROELECTRONICS-M74HC4024TTR Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
More results

Similar Description - M74HC4024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
HEF4024B PHILIPS-HEF4024B Datasheet
42Kb / 5P
7-stage binary counter
January 1995
logo
Toshiba Semiconductor
TC74HC4024AP TOSHIBA-TC74HC4024AP Datasheet
218Kb / 5P
7-STAGE BINARY COUNTER
logo
Hitachi Semiconductor
HD74HC4024 HITACHI-HD74HC4024 Datasheet
47Kb / 8P
7-stage Binary Counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
STMicroelectronics
M74HC4024 STMICROELECTRONICS-M74HC4024 Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74HC4024 RENESAS-HD74HC4024 Datasheet
91Kb / 7P
7-stage Binary Counter
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
7-stage binary ripple counter
Rev. 10 - 23 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com