Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22802 Datasheet (PDF) - Diodes Incorporated

AP22802 Datasheet PDF - Diodes Incorporated
Part # AP22802
Download  AP22802 Download
File Size   612.61 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH

AP22802 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22802 Datasheet PDF - Diodes Incorporated

Part # AP22802
Download  AP22802 Click to download

File Size   612.61 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH

AP22802 Datasheet (HTML) - Diodes Incorporated


AP22802 Product details

Description
The AP22802 is a single channel current-limited integrated high-side
power switch optimized for Universal Serial Bus (USB) and other
hot-swap applications. The family of devices complies with
USB standards and is available with both polarities of Enable input.
The device has fast short-circuit response time for improved overall
system robustness, and has an integrated output discharge function
to ensure completely controlled discharging of the output voltage
capacitor. They provide a complete protection solution for applications
subject to heavy capacitive loads and the prospect of short circuit,
and offer reverse current blocking, over-current, over-temperature
and short-circuit protection, as well as controlled rise time and
under-voltage lockout functionality. A 6ms deglitch capability on the
open-drain Flag output prevents false over-current reporting and does
not require any external components.
The AP22802 is available in a standard Green SOT25 and RoHS
compliant.

Features
 Integrated Single Channel Load Switch
 Protection
 Over Current with Auto Recovery
 Short Circuit with Auto Recovery
 Over Temperature with Auto Recovery
 Small Form Factor Packages
SOT25 – Footprint of just 9mm2
 Thermally Efficient Low Profile Package
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 UL Recognized, File Number E322375
 IEC60950-1 CB Scheme Certified

Applications
 Integrated Load Switches in Ultrabook PC’s
 Power Up/Down Sequencing in Ultrabook PC’s
 Notebook
 Netbook
 Set-Top Boxes
 SSD (Solid State Drives)
 Consumer Electronics
 Tablet PC
 Telecom Systems




Similar Part No. - AP22802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
AP22802AW5-7 DIODES-AP22802AW5-7 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
AP22802BW5-7 DIODES-AP22802BW5-7 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
More results


Similar Description - AP22802

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2027 ADMOS-AMS2027 Datasheet
46Kb / 5P
SINGLE POWER DISTRIBUTION SWITCH
AMS2027 ADMOS-AMS2027_05 Datasheet
50Kb / 5P
SINGLE POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
Single-Channel Power Distribution Switch MM8짰
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
AP22816 DIODES-AP22816 Datasheet
1Mb / 17P
1.0A/1.5A/2.0A SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
April 2022 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com