Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD51652 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD51652 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD51652
Download  AD51652 Download
File Size   1189.14 Kbytes
Page   16 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 5W Mono Filter-less Class-D Audio Amplifier

AD51652 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD51652 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD51652
Download  AD51652 Click to download

File Size   1189.14 Kbytes
Page   16 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 5W Mono Filter-less Class-D Audio Amplifier

AD51652 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD51652 Product details

Features
 Supply voltage range: 2.5 V to 5.5 V
 Support single-ended or differential analog
input
 Low Quiescent Current
 Low Output Noise
 Low shut-down current
 Short power-on transient time
 Internal pull-low resistor on shut-down pins
 Short-circuit protection
 Over-temperature protection
 Loudspeaker power within 10% THD+N
 1.8W/ch into 8 loudspeaker
 >3W/ch into 4 loudspeaker
 5W/ch into 2 loudspeaker (TDFN-8L)
 Loudspeaker efficiency
 90% @ 8, THD+N=10%
 85% @ 4, THD+N=10%
 74% @ 2, THD+N=10%
 MSOP-8L, TDFN-8L and 0.4mm ball pitch
WLCSP-9L packages
 Integrated Feedback Resistor of 300k

Applications
 Monitor audio
 PDA
 Portable multimedia devices
 Notebook computer
 Mobile phone

Description
The AD51652 is a 5.0W mono, filter-less
Class-D audio amplifier. Operating with 5.0V
loudspeaker driver supply, it can deliver 5.0W
output power into 2  loudspeaker within 10%
THD+N or 4.3W at 1% THD+N.
The AD51652 is a mono audio amplifier with
high efficiency and suitable for the notebook
computer, and portable multimedia device.




Similar Part No. - AD51652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5165 AD-AD5165 Datasheet
569Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
4/04-Revision 0
AD5165BUJZ100 AD-AD5165BUJZ100 Datasheet
575Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165BUJZ100-R2 AD-AD5165BUJZ100-R2 Datasheet
575Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165BUJZ100-R7 AD-AD5165BUJZ100-R7 Datasheet
575Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165EVAL AD-AD5165EVAL Datasheet
575Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
More results


Similar Description - AD51652

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8685 CHAMP-CM8685 Datasheet
516Kb / 7P
5W MONO CLASS D PLUSTM AUDIO AMPLIFIER
logo
Integrated Silicon Solu...
IS31AP2005 ISSI-IS31AP2005 Datasheet
544Kb / 16P
2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010E ISSI-IS31AP2010E Datasheet
198Kb / 7P
MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2005-SLS2-TR ISSI-IS31AP2005-SLS2-TR Datasheet
395Kb / 19P
2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2145A-UTLS2-TR ISSI-IS31AP2145A-UTLS2-TR Datasheet
501Kb / 14P
2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com