Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5165 Datasheet (PDF) - Analog Devices

AD5165 Datasheet PDF - Analog Devices
Part # AD5165
Download  AD5165 Download
File Size   569.11 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer

AD5165 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5165 Datasheet PDF - Analog Devices

Part # AD5165
Download  AD5165 Click to download

File Size   569.11 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer

AD5165 Datasheet (HTML) - Analog Devices


AD5165 Product details

GENERAL OVERVIEW
The AD5165 provides a compact 2.9 mm × 2.8 mm packaged solution for 256-position adjustment applications. These devices perform the same electronic adjustment function as mechanical potentiometers or variable resistors, with enhanced resolution, solid-state reliability, and superior low temperature coefficient performance. The AD5165’s supply voltage requirement is 2.7 V to 5.5 V, but its logic voltage requirement is 1.8 V to VDD. The AD5165 consumes very low quiescent power during standby mode and is ideal for battery-operated applications.

FEATURES
    Ultralow standby power IDD = 50 nA typical
    256-position
    End-to-end resistance 100 kΩ
    Logic high voltage 1.8 V
    Power supply 2.7 V to 5.5 V
    Low temperature coefficient 35 ppm/°C
    Compact thin 8-lead TSOT-8 (2.9 mm × 2.8 mm) package
    Simple 3-wire digital interface
    Wide operating temperature −40°C to +125°C
    Pin-to-pin compatible to AD5160 with CS inverted

APPLICATIONS
    Battery-operated electronics adjustment
    Remote utilities meter adjustment
    Mechanical potentiometer replacement
    Transducer circuit adjustment
    Automotive electronics adjustment
    Gain control and offset adjustment
    System calibration
    VCXO adjustment




Similar Part No. - AD5165

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD51652 ESMT-AD51652 Datasheet
1Mb / 16P
5W Mono Filter-less Class-D Audio Amplifier
Revision: 1.7 Oct. 2022
AD51652-FH08NRR ESMT-AD51652-FH08NRR Datasheet
1Mb / 16P
5W Mono Filter-less Class-D Audio Amplifier
Revision: 1.7 Oct. 2022
AD51652-MH08NRR ESMT-AD51652-MH08NRR Datasheet
1Mb / 16P
5W Mono Filter-less Class-D Audio Amplifier
Revision: 1.7 Oct. 2022
AD51652-WL09NRR ESMT-AD51652-WL09NRR Datasheet
1Mb / 16P
5W Mono Filter-less Class-D Audio Amplifier
Revision: 1.7 Oct. 2022
logo
Analog Devices
AD5165BUJZ100 AD-AD5165BUJZ100 Datasheet
575Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
More results


Similar Description - AD5165

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5207 AD-AD5207 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5165BUJZ100 AD-AD5165BUJZ100 Datasheet
575Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5165 AD-AD5165_15 Datasheet
575Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
256-Position IC-Compatible Digital Potentiometer
REV. B
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com