Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA3001 Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA3001 Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA3001
Download  ETA3001 Download
File Size   1051.05 Kbytes
Page   13 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description Inductive Cell Balancer IC with Balancing Current Up to 2A

ETA3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA3001 Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA3001
Download  ETA3001 Click to download

File Size   1051.05 Kbytes
Page   13 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description Inductive Cell Balancer IC with Balancing Current Up to 2A

ETA3001 Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA3001 Product details

DESCRIPTION FEATURES
ETA3001 is an inductive cell balancer. Unlike
conventional passive balancing technique, ETA3001
utilizes a control scheme with an inductor to shuffle
currents between two cells until the cells are balanced.
Due to the switching nature, the heat and power
dissipation generated in conventional linear balance
technique are greatly reduced. The balance time is
also significantly reduced due to higher balancing
current not being limited by package thermal
dissipation.
ETA3001 consumes only 2μA ultra-low current from
batteries in standby mode, extending the battery shelf
time. The final balanced voltages of both cells are also
highly accurate which enhances the performance and
lifetime for the batteries connected in series. ETA3001
can also be used in multiple cells stacking with even
number of cells. ETA3001 includes protection features
similar to precondition in battery charging, that is when
one cell’s voltage is grossly lower than the other, the
balancing current is reduced to a safe level until the
lower voltage cell is charged up.
ETA3001 is available in DFN2x2-8 package.

FEATURES
 Inductive, switching control scheme
 Up to 90% charger transfer efficiency
 Accurate balanced voltages down to 30mV
 Auto detect unbalance and auto balance
 Low sleeping supply current, 2μA
 Programmable balancing current up to 2A
 Precondition balancing current
 Status indications
 Battery over voltage protection
 Support small size inductor

APPLICATIONS
 Multi-cells System
 Battery Pack
 Portable Equipment and Instrumentation
 Battery Backup Systems
 E-Cigarette




Similar Part No. - ETA3001

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3000 ETA-ETA3000 Datasheet
2Mb / 11P
Inductive Cell Balancer IC with Balancing Current Up to 2A
ETA3000D2I ETA-ETA3000D2I Datasheet
2Mb / 11P
Inductive Cell Balancer IC with Balancing Current Up to 2A
ETA3000S2G ETA-ETA3000S2G Datasheet
2Mb / 11P
Inductive Cell Balancer IC with Balancing Current Up to 2A
ETA3006 ETA-ETA3006 Datasheet
974Kb / 13P
Inductive Cell Balancer IC with Balancing Current Up to 2A
Rev 1.0
ETA3006S8A ETA-ETA3006S8A Datasheet
974Kb / 13P
Inductive Cell Balancer IC with Balancing Current Up to 2A
Rev 1.0
More results


Similar Description - ETA3001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726 Datasheet
266Kb / 15P
5- to 10-Cell Li Protector with Cell Balancing
Rev 0; 4/08
DS2726 MAXIM-DS2726_09 Datasheet
290Kb / 16P
5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
Sanken electric
LC101N SANKEN-LC101N Datasheet
1Mb / 15P
LED Current balancer IC
logo
Seiko Instruments Inc
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S8249 SII-S8249 Datasheet
1Mb / 23P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Shenzhen Huazhimei Semi...
HM5400 HMSEMI-HM5400 Datasheet
7Mb / 11P
Inductive Cell Balancer IC with Balacing Curret Up to 2A
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726_V01 Datasheet
288Kb / 16P
5-Cell to 10-Cell Li Protector with Cell Balancing
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com