Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA3006S8A Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA3006S8A Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA3006S8A
Download  ETA3006S8A Download
File Size   974.48 Kbytes
Page   13 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description Inductive Cell Balancer IC with Balancing Current Up to 2A

ETA3006S8A Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA3006S8A Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA3006S8A
Download  ETA3006S8A Click to download

File Size   974.48 Kbytes
Page   13 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description Inductive Cell Balancer IC with Balancing Current Up to 2A

ETA3006S8A Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA3006S8A Product details

DESCRIPTION
ETA3006 is an inductive cell balancer. Unlike
conventional passive balancing technique, ETA3006
utilizes a control scheme with an inductor to shuffle
currents between two cells until the cells are
balanced. Due to the switching nature, the heat and
power dissipation generated in conventional linear
balance technique are greatly reduced. The balance
time is also significantly reduced due to higher
balancing current not being limited by package
thermal dissipation.
ETA3006 consumes only 2μA ultra-low current from
batteries in standby mode, extending the battery shelf
time. The final balanced voltages of both cells are
also highly accurate which enhances the
performance and lifetime for the batteries connected
in series. ETA3006 can also be used in multiple cells
stacking with even number of cells. ETA3006
includes protection features similar to precondition in
battery charging, that is when one cell’s voltage is
grossly lower than the other, the balancing current is
reduced to a safe level until the lower voltage cell is
charged up.
ETA3006 is available in ESOP-8 package.

FEATURES
 Inductive, switching control scheme
 Up to 90% charger transfer efficiency
 Accurate balanced voltages down to 10mV
 Auto detect unbalance and auto balance
 Low sleeping supply current, 2μA
 Programmable balancing current up to 2A
 Precondition balancing current
 Battery over voltage protection
 Support small size inductor
 Pb Free, RoHS and REACH Compliant
 Halogen Free and “Green” Device

APPLICATIONS
 Multi-cells System
 Battery Pack
 Portable Equipment and Instrumentation
 Battery Backup Systems
 E-Cigarette




Similar Part No. - ETA3006S8A

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3000 ETA-ETA3000 Datasheet
2Mb / 11P
Inductive Cell Balancer IC with Balancing Current Up to 2A
ETA3000D2I ETA-ETA3000D2I Datasheet
2Mb / 11P
Inductive Cell Balancer IC with Balancing Current Up to 2A
ETA3000S2G ETA-ETA3000S2G Datasheet
2Mb / 11P
Inductive Cell Balancer IC with Balancing Current Up to 2A
ETA3001 ETA-ETA3001 Datasheet
1Mb / 13P
Inductive Cell Balancer IC with Balancing Current Up to 2A
Rev 1.2
ETA3001D2I ETA-ETA3001D2I Datasheet
1Mb / 13P
Inductive Cell Balancer IC with Balancing Current Up to 2A
Rev 1.2
More results


Similar Description - ETA3006S8A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726 Datasheet
266Kb / 15P
5- to 10-Cell Li Protector with Cell Balancing
Rev 0; 4/08
DS2726 MAXIM-DS2726_09 Datasheet
290Kb / 16P
5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
Sanken electric
LC101N SANKEN-LC101N Datasheet
1Mb / 15P
LED Current balancer IC
logo
Seiko Instruments Inc
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S8249 SII-S8249 Datasheet
1Mb / 23P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Shenzhen Huazhimei Semi...
HM5400 HMSEMI-HM5400 Datasheet
7Mb / 11P
Inductive Cell Balancer IC with Balacing Curret Up to 2A
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726_V01 Datasheet
288Kb / 16P
5-Cell to 10-Cell Li Protector with Cell Balancing
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com