Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95B Datasheet (PDF) - Holtek Semiconductor Inc

HT9B95B Datasheet PDF - Holtek Semiconductor Inc
Part # HT9B95B
Download  HT9B95B Download
File Size   723.48 Kbytes
Page   32 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RAM Mapping 39×8 / 43×4 LCD Driver

HT9B95B Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9B95B Datasheet PDF - Holtek Semiconductor Inc

Part # HT9B95B
Download  HT9B95B Click to download

File Size   723.48 Kbytes
Page   32 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RAM Mapping 39×8 / 43×4 LCD Driver

HT9B95B Datasheet (HTML) - Holtek Semiconductor Inc


HT9B95B Product details

Feature
Logic Operating Voltage: 2.4V~5.5V
Integrated oscillator circuitry
Bias: 1/3 or 1/4
Internal LCD bias generation with voltage-follower
buffers
External VLCD pin to supply LCD operating voltage
Support I2C-bus serial interface
Integrated voltage adjustment function for LCD
driving voltage
Up to 39×8 bits RAM for display data storage
Display patterns
♦♦ HT9B95A: 35×8 patterns - 35 segments and 8 commons
♦♦ HT9B95B: 39×8 patterns - 39 segments and 8 commons
43×4 patterns - 43 segments and 4 commons
♦♦ HT9B95G: 39×8 patterns - 39 segments and 8 commons
43×4 patterns - 43 segments and 4 commons
Support Power Save Mode for low power consumption
Package Type
♦♦ HT9B95A: 48-pin TSSOP, 52-pin LQFP
♦♦ HT9B95B: 52-pin LQFP
♦♦ HT9B95G: COG

Applications
Leisure products
Telephone display
Household appliance
Consumer electronics

General Description
The HT9B95 is a memory mappling and multifunction
LCD controller driver. The maximum display
segments of the device are 312 patterns (39 segments
and 8 commons) or 280 patterns (35 segments and 8
commons) display depending upon which device is
selected. The software configuration feature of the
HT9B95 device makes it suitable for multiple LCD
applications including LCD modules and display
subsystems. The HT9B95 device communicates with
most microprocessors / microcontrollers via a two-wire
bidirectional I2C-bus interface.




Similar Part No. - HT9B95B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9B95 HOLTEK-HT9B95 Datasheet
1Mb / 32P
RAM Mapping 39횞8 / 43횞4 LCD Driver
More results


Similar Description - HT9B95B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
RAM Mapping 20*4 / 16*8 LCD Driver Controller
November 22, 2011
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
RAM Mapping 44*4 LCD Controller Driver
May 10, 2011
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
RAM Mapping 56*4 / 52*8 LCD Driver Controller
June 21, 2011
HT16L21 HOLTEK-HT16L21 Datasheet
1Mb / 36P
RAM Mapping 32x4 LCD Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
RAM Mapping 52*4 / 48*8 LCD Driver
November 16, 2011
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
RAM Mapping 32횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
RAM Mapping 40x4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
RAM Mapping 36횞4 LCD Driver
HT1628 HOLTEK-HT1628 Datasheet
1Mb / 17P
RAM Mapping 116횞2 LCD Driver
December 20, 2016
HT1629G HOLTEK-HT1629G Datasheet
2Mb / 23P
240횞2 RAM Mapping LCD Driver
November 11, 2016
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com