Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95B Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9B95B
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Rev. 1.10
7
November 25, 2015
HT9B95A/B/G
Approximate Internal Connections
VDD
VSS
SCL, SDA (for Schmitt trigger type)
COM0/SEG39 ~ COM3/SEG42
COM4/COM0 ~ COM7/COM3
SEG0 ~ SEG38
VLCD
VSS
VLCD
VSS
Absolute Maximum Ratings
Supply Voltage ............................................................................................................................VSS-0.3V ~ VSS+6.5V
Input Voltage .............................................................................................................................VSS-0.3V ~ VDD+0.3V
Storage Temperature ............................................................................................................................ -55°C ~ 150°C
Operating Temperature .......................................................................................................................... -40°C ~ 85°C
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maximum Ratings"
may cause substantial damage to these devices. Functional operation of these devices at other conditions
beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may
affect devices reliability.
Timing Diagrams
I2C Timing
SDA
SCL
tf
tHD:SDA
tLOW
tr
tHD:DAT
tSU:DAT
tHIGH
tSU:STA
tHD:STA
S
Sr
tSP
tSU:STO
P
tBUF
S
tAA
SDA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com