Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95B Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT9B95B
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 23Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 24Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 25Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Rev. 1.10
22
November 25, 2015
HT9B95A/B/G
All Pixels On/Off Setting Command
This command controls that all pixels are switched on or off when the LCD normally displays.
Function
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
(LSB)
Bit0
Note
All Pixels Display setting
C
1
1
1
1
0
AP1
AP0
—
AP [1:0]
Display output status
00
Normal Display (default)
01
All Pixels Off
10
All Pixels On
11
All Pixels Off
Note:
• This command is only available when the LCD normally displays.
• The contents of the display RAM will not be affected in this duration.
• Power on status: Normal display.
• If the programmed command is not defined, the function will not be affected.
Duty and Bias Setting Command
This command controls the duty and bias setting and is available in the HT9B95B and HT9B95G device.
Function
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
(LSB)
Bit0
Note
Duty and bias setting
C
1
1
1
1
1
0
DB
—
DB
Duty and Bias setting
0
1/8 duty, 1/4 bias (default)
1
1/4 duty, 1/3 bias
Note:
• This command is available in the HT9B95B and HT9B95G device.
• Power on status: 1/8 duty, 1/4 bias.
• If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com