Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95B Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT9B95B
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 23Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 24Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Rev. 1.10
21
November 25, 2015
HT9B95A/B/G
Drive Mode Setting and Software Reset Command
This command is used to control the LCD display On/Off, drive waveform and software reset.
Function
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
(LSB)
Bit0
Note
Drive Mode setting and
Software reset setting
C
1
1
1
0
W
SR
D
—
W
LCD drive output waveform
0
A type inversion
1
B type inversion (default)
SR
Software reset
0
No operation (default)
1
Software reset executed
D
Display On/Off
0
Display Off (default)
1
Display On
Note:
When the software reset is executed, the device is initialized by an internal power-on reset circuit. The status
of the internal circuits after initialization is as follows:
• All common and segment outputs are set to VSS.
• Display RAM address pointer is set to 00H.
• The maximum voltage level of the LCD driving voltage V0 is set to VLCD.
• Frame Frequency is set to 80Hz.
• Power save mode is set to normal current.
• LCD Driver Output Waveform: B-type inversion.
• LCD Display is in the off state.
• LCD bias generator is off state.
• All pixel control is set to normal display.
If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com