Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95B Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT9B95B
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Rev. 1.10
16
November 25, 2015
HT9B95A/B/G
• Display RAM Page Write Operation
After a START condition the slave address with
a R/W bit is placed on the bus followed with
the specified display RAM Register Address of
which the contents are written into the internal
address pointer. The data to be written into the
memory will be transmitted next. The internal
address pointer will be incremented by 1 after
a 8-bit data is shifted in. Then the acknowledge
clock pulse will be received after an 8-bit data is
shifted. After the internal address point reaches the
maximum available address, 22H, 15H or 26H, the
address pointer will be reset to 00H. It is strongly
recommended to write the display RAM data from
address 00H to maximum available address using
the Display RAM Page Write Operation.
Part No. Duty Maximum Available Address
HT9B95A
1/8
22H
HT9B95B
HT9B95G
1/4
15H
1/8
26H
Display RAM Maximum Available Address
Read Operation
• Display RAM Read Operation
The master reads the display RAM data after
setting the slave address. Following the R/W
bit (=”0”) is an acknowledge bit and the register
address byte which is written to the internal address
pointer. After the start address of the read operation
has been configured, another START condition and
the slave address transferred on the bus followed
by the R/W bit (=”1”). Then the MSB of the data
which was addressed is transmitted first on the
I2C bus. The address pointer is only incremented
by 1 after the reception of an acknowledge clock.
After reaching the maximum available address, the
address pointer will be reset to 00H. The C bit in
the register address byte can be set to “1” or “0”.
This read operation will continue until the master
sends a STOP condition. The maximum available
address is summarized in the above section.
Slave Address
ACK
S
0
1
1
1
1
1
0
0
ACK
Address n
ACK
Data byte
P
D7
D6
D5
D4
D3
D2
D1
D0
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
ACK
ACK
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
nth data
ACK
RAM Address byte
A0
A1
A2
A3
A4
A5
0
0
( n+1)th data
Nth data
W
R/
C bit
I2C Interface N Bytes Display RAM Data Write Operation
ACK
Write
P
Slave Address
S
0
1
1
1
1
1
0
0
Data byte
NACK
D7
D6
D5
D4
D3
D2
D1
D0
1st data
Data byte
ACK
P
D7
D6
D5
D4
D3
D2
D1
D0
Nth data
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
2nd data
ACK
ACK
Device Address
Read
S
0
1
1
1
1
1
0
1
ACK
RAM Address byte
A0
A1
A2
A3
A4
A5
0
C
W
R/
C bit
W
R/
Display RAM Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com