Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95B Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT9B95B
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 24Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 25Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 26Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 27Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 28Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 29Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 30Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 31Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 32Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Rev. 1.10
30
November 25, 2015
HT9B95A/B/G
48-pin TSSOP Outline Dimensions
A1
A
L
E1
e
B
A2
y
R 0. 10
(4 C OR NE RS )
E
L1
C
G
D
1
24
25
48
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
—
0.047
A1
0.002
—
0.006
A2
0.031
0.039
0.041
b
0.007
—
0.011
c
0.004
—
0.008
D
0.488
0.492
0.496
E
—
0.319 BSC
—
E1
0.236
0.240
0.244
e
—
0.020 BSC
—
L
0.018
0.024
0.030
L1
—
0.039 BSC
—
y
—
0.004
—
θ
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
—
1.20
A1
0.05
—
0.15
A2
0.80
1
1.05
b
0.17
—
0.27
c
0.09
—
0.20
D
12.40
12.50
12.60
E
—
8.10 BSC
—
E1
6.00
6.10
6.20
e
—
0.50 BSC
—
L
0.45
0.60
0.75
L1
—
1.0 BSC
—
y
—
0.10
—
θ
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com