Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95B Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT9B95B
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Rev. 1.10
19
November 25, 2015
HT9B95A/B/G
LCD Driving Voltage Adjustment Command – LVA
This command is used to adjust the maximum voltage level of the LCD driving voltage, V0.
Function
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
(LSB)
Bit0
Note
LCD driving Voltage Adjustment (LVA)
C
1
0
LV4
LV3
LV2
LV1
LV0
—
Note: V0: The maximum voltage level of the LCD driving voltage.
The relationship between V0 and LVA setting is summarized as the following table shown.
LV4~LV0
Voltage ratio
VLCD =5.5V
VLCD =5V
VLCD =3.5V
VLCD =3V
VLCD =2.5V
00000
VLCD
V0=5.500V
V0=5.000V
V0=3.500V
V0=3.000V
V0=2.500V
00001
0.967 * VLCD
V0=5.319V
V0=4.835V
V0=3.385V
V0=2.901V
V0=2.418V
00010
0.937 * VLCD
V0=5.154V
V0=4.685V
V0=3.280V
V0=2.811V
V0=2.343V
00011
0.909 * VLCD
V0=5.000V
V0=4.545V
V0=3.182V
V0=2.727V
V0=2.273V
00100
0.882 * VLCD
V0=4.851V
V0=4.410V
V0=3.087V
V0=2.646V
V0=2.205V
00101
0.857 * VLCD
V0=4.714V
V0=4.285V
V0=3.000V
V0=2.571V
V0=2.143V
00110
0.833 * VLCD
V0=4.582V
V0=4.165V
V0=2.916V
V0=2.499V
V0=2.083V
00111
0.810 * VLCD
V0=4.455V
V0=4.050V
V0=2.835V
V0=2.430V
V0=2.025V
01000
0.789 * VLCD
V0=4.340V
V0=3.945V
V0=2.762V
V0=2.367V
V0=1.973V
01001
0.769 * VLCD
V0=4.230V
V0=3.845V
V0=2.692V
V0=2.307V
V0=1.923V
01010
0.750 * VLCD
V0=4.125V
V0=3.750V
V0=2.625V
V0=2.250V
V0=1.875V
01011
0.731 * VLCD
V0=4.021V
V0=3.655V
V0=2.559V
V0=2.193V
V0=1.828V
01100
0.714 * VLCD
V0=3.927V
V0=3.570V
V0=2.499V
V0=2.142V
V0=1.785V
01101
0.697 * VLCD
V0=3.834V
V0=3.485V
V0=2.440V
V0=2.091V
V0=1.743V
01110
0.681 * VLCD
V0=3.746V
V0=3.405V
V0=2.384V
V0=2.043V
V0=1.703V
01111
0.666 * VLCD
V0=3.663V
V0=3.330V
V0=2.331V
V0=1.998V
V0=1.665V
10000
0.652 * VLCD
V0=3.586V
V0=3.260V
V0=2.282V
V0=1.956V
V0=1.630V
10001
0.638 * VLCD
V0=3.509V
V0=3.190V
V0=2.233V
V0=1.914V
V0=1.595V
10010
0.625 * VLCD
V0=3.438V
V0=3.125V
V0=2.188V
V0=1.875V
V0=1.563V
10011
0.612 * VLCD
V0=3.366V
V0=3.060V
V0=2.142V
V0=1.836V
V0=1.530V
10100
0.600 * VLCD
V0=3.300V
V0=3.000V
V0=2.100V
V0=1.800V
V0=1.500V
10101
0.588 * VLCD
V0=3.234V
V0=2.940V
V0=2.058V
V0=1.764V
V0=1.470V
10110
0.576 * VLCD
V0=3.168V
V0=2.880V
V0=2.016V
V0=1.728V
V0=1.440V
10111
0.566 * VLCD
V0=3.113V
V0=2.830V
V0=1.981V
V0=1.698V
V0=1.415V
11000
0.555 * VLCD
V0=3.053V
V0=2.775V
V0=1.943V
V0=1.665V
V0=1.388V
11001
0.545 * VLCD
V0=2.998V
V0=2.725V
V0=1.908V
V0=1.635V
V0=1.363V
11010
0.535 * VLCD
V0=2.943V
V0=2.675V
V0=1.873V
V0=1.605V
V0=1.338V
11011
0.526 * VLCD
V0=2.893V
V0=2.630V
V0=1.841V
V0=1.578V
V0=1.315V
11100
0.517 * VLCD
V0=2.844V
V0=2.585V
V0=1.810V
V0=1.551V
V0=1.293V
11101
0.508 * VLCD
V0=2.794V
V0=2.540V
V0=1.778V
V0=1.524V
V0=1.270V
11110
0.500 * VLCD
V0=2.750V
V0=2.500V
V0=1.750V
V0=1.500V
V0=1.250V
11111
0.491 * VLCD
V0=2.701V
V0=2.455V
V0=1.719V
V0=1.473V
V0=1.228V
Prohibit setting
• It is prohibited to set V0 voltage less than 2.5V and the condition “VLCD-V0>0.6V” must be met. If the
voltage of (VLCD-V0) is equal to or less than 0.6V, the output voltage will be unstable.
• Power on status: V0=VLCD.
• If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com