Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10229 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10229 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10229
Download  X10229 Download
File Size   727.9 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Standard with 15A / 17A, 110V / 230V Variable AC Regulator

X10229 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10229 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10229
Download  X10229 Click to download

File Size   727.9 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Standard with 15A / 17A, 110V / 230V Variable AC Regulator

X10229 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10229 Product details

KEY FEATURES:
 Variable Output: Enjoy fully adjustable voltage outputs ranging from 0-98% Output, providing precise control over power distribution.
 Triac for Inrush Protection: Equipped with a large triac, these regulators can handle high inrush currents, ensuring safety and reliability in industrial settings.
 Robust and Compact Design: Built to last, these regulators feature a robust and compact enclosure, ideal for demanding environments.
 Optional Extras: Adhesive backed silver label and hairline knob are optional extras for convenient front panel mounting, enhancing usability.
APPLICATIONS:
 Ovens
 Bain Marie
 Hot food cupboards
 Heated Gantry
 Quartz Lamps / Heat Lamps
 Moulders
 Dryers
 Heating Elements
 Some inductive loads, e.g., transformers and motors.




Similar Part No. - X10229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10229 ETC2-X10229 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10229 UNITEDAUTOMATION-X10229 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10229 UNITEDAUTOMATION-X10229 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10229 UNITEDAUTOMATION-X10229 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10229 UNITEDAUTOMATION-X10229 Datasheet
545Kb / 2P
25A, 110V / 230V Variable Phase Angle AC Regulator
28 April 2026
More results


Similar Description - X10229

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SA1553 MOSPEC-2SA1553 Datasheet
119Kb / 3P
POWER TRANSISTORS(15A,230V,150W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SC4029 MOSPEC-2SC4029 Datasheet
135Kb / 3P
POWER TRANSISTOR(15A,230V,150W)
logo
Sanyo Semicon Device
2SA2031 SANYO-2SA2031 Datasheet
33Kb / 4P
230V / 15A, AF100W Output Applications
2SA2221 SANYO-2SA2221 Datasheet
317Kb / 4P
230V / 15A, AF100W Output Applications
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
logo
Rohm
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
300mA Standard Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
2A Standard Variable Output LDO Regulator
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
15A Step-Down Regulator with Internal Switches
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com