Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15035 Datasheet (PDF) - Maxim Integrated Products

MAX15035 Datasheet PDF - Maxim Integrated Products
Part # MAX15035
Download  MAX15035 Download
File Size   575.29 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 15A Step-Down Regulator with Internal Switches

MAX15035 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15035 Datasheet PDF - Maxim Integrated Products

Part # MAX15035
Download  MAX15035 Click to download

File Size   575.29 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 15A Step-Down Regulator with Internal Switches

MAX15035 Datasheet (HTML) - Maxim Integrated Products


MAX15035 Product details

General Description
The MAX15035 pulse-width modulation (PWM) controller provides high efficiency, excellent transient response, and high DC-output accuracy. Combined with the internal low on-resistance MOSFETs, the MAX15035 provides a highly efficient and compact solution for small form factor applications that need a high-power density.

Features
● 4.5V to 26V Input Voltage Range
● Fast Transient Response
● Monotonic Power-Up with Precharged Output
● Supports Any Output Capacitor
    • No Compensation Required with Polymers/ Tantalum
    • Stable with Ceramic Output Capacitors Using External Compensation
● Dynamically Adjustable Output Voltage
    • 0.5% VOUT Accuracy Over Line and Load
● Adjustable Valley Current-Limit Protection
    • Thermal Compensation with NTC
    • Supports Foldback Current Limit
● Programmable Switching Frequency
● Overvoltage Protection
● Undervoltage Protection
● Voltage Soft-Start and Soft-Shutdown
● Power-Good Window Comparator

Applications
● Server Computers
● GPU Core Supplies
● DDR Memory—VDDQ or VTT
● Point-of-Load Applications
● Step-Down Power Supplies
● Storage Power Supplies




Similar Part No. - MAX15035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035 Datasheet
1Mb / 28P
15A Step-Down Regulator with Internal Switches
2018
MAX15035ETL+ MAXIM-MAX15035ETL+ Datasheet
1Mb / 28P
15A Step-Down Regulator with Internal Switches
2018
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
15A Step-Down Regulator with Internal Switches
2018
More results


Similar Description - MAX15035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
logo
Linear Technology
LTC3613 LINER-LTC3613 Datasheet
453Kb / 36P
24V, 15A Monolithic Step Down Regulator
logo
Maxim Integrated Produc...
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
logo
Linear Technology
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
15A Step-Down Regulator with Internal Switches
2018
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com